Electronic Components Datasheet Search
  English  ▼

X  

SAA3049AP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA3049AP
Description  Infrared remote control decoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA3049AP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA3049AP Datasheet HTML 1Page - NXP Semiconductors SAA3049AP Datasheet HTML 2Page - NXP Semiconductors SAA3049AP Datasheet HTML 3Page - NXP Semiconductors SAA3049AP Datasheet HTML 4Page - NXP Semiconductors SAA3049AP Datasheet HTML 5Page - NXP Semiconductors SAA3049AP Datasheet HTML 6Page - NXP Semiconductors SAA3049AP Datasheet HTML 7Page - NXP Semiconductors SAA3049AP Datasheet HTML 8Page - NXP Semiconductors SAA3049AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1996 Sep 13
4
Philips Semiconductors
Product specification
Infrared remote control decoder
SAA3049A
PINNING
SYMBOL
PIN
DESCRIPTION
A
1
data output
B
2
data output
C
3
data output
D
4
data output
E
5
data output
F
6
data output
A0 (S0)
7
data/address output/input
A1 (S1)
8
data/address output/input
IN
9
digital input
GND
10
ground
MODE
11
RC5/RECS80 mode selection
XTAL1
12
crystal oscillator
XTAL2
13
crystal oscillator
RESET
14
reset input
A4
15
address output/input
A3 (S3)
16
address output/input
A2 (S2)
17
address output/input
T0
18
T0 bit
CRI
19
command received indicator
VCC
20
supply voltage
Fig.2 Pin configuration.
handbook, halfpage
SAA3049A
MGD347
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
A0 (S0)
A1 (S1)
IN
GND
VCC
CRI
T0
A2 (S2)
A3 (S3)
A4
RESET
XTAL2
XTAL1
MODE
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com