Electronic Components Datasheet Search
  English  ▼

X  

B7744 Datasheet(PDF) 4 Page - EPCOS

Part # B7744
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7744 Datasheet(HTML) 4 Page - EPCOS

  B7744 Datasheet HTML 1Page - EPCOS B7744 Datasheet HTML 2Page - EPCOS B7744 Datasheet HTML 3Page - EPCOS B7744 Datasheet HTML 4Page - EPCOS B7744 Datasheet HTML 5Page - EPCOS B7744 Datasheet HTML 6Page - EPCOS B7744 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Aug 07, 2003
SAW Components
B7744
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -10 to +80˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
1842,5
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
2,4
3,2
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
0,9
1,9
dB
Input VSWR
1805,0
... 1880,0
MHz
1,9
2,2
Output VSWR
1805,0
... 1880,0
MHz
1,9
2,2
Attenuation
α
0,0
... 1480,0
MHz
35
37
dB
1480,0
... 1705,0
MHz
28
32
dB
1705,0
... 1785,0
MHz
11
15
dB
1920,0
... 1980,0
MHz
15
21
dB
1980,0
... 2400,0
MHz
22
24
dB
2400,0
... 2500,0
MHz
30
37
dB
2500,0
... 3610,0
MHz
25
36
dB
3610,0
... 3760,0
MHz
35
40
dB
3760,0
... 6000,0
MHz
25
34
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com