Electronic Components Datasheet Search
  English  ▼

X  

B7748 Datasheet(PDF) 3 Page - EPCOS

Part # B7748
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7748 Datasheet(HTML) 3 Page - EPCOS

  B7748 Datasheet HTML 1Page - EPCOS B7748 Datasheet HTML 2Page - EPCOS B7748 Datasheet HTML 3Page - EPCOS B7748 Datasheet HTML 4Page - EPCOS B7748 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Aug 22, 2003
SAW Components
B7748
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -30 to +85 ˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0 ... 849,0 MHz
—
2,0
2,5
dB
Ripple
p-p
824,0 ... 849,0 MHz
—
1,3
1,7
dB
Input return loss @ 50 Ohm
824,0 ... 849,0 MHz
11
12
---
dB
Output return loss @ 50 Ohm
824,0 ... 849,0 MHz
11
12
---
dB
Attenuation
α
0,0
... 779,0
MHz
32
37
—
dB
779,0
... 804,0
MHz
38
45
—
dB
869,0
... 894,0
MHz
39
46
—
dB
894,0
...1029,0
MHz
35
40
—
dB
1029,0
...1209,0
MHz
35
39
—
dB
1209,0
...1306,0
MHz
33
39
—
dB
1306,0
...1698,0
MHz
33
43
—
dB
1698,0
...2547,0
MHz
30
38
—
dB
2547,0
...5000,0
MHz
25
30
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com