Electronic Components Datasheet Search
  English  ▼

X  

B7749 Datasheet(PDF) 4 Page - EPCOS

Part # B7749
Description  SAW Components Low-Loss Filter for Mobile Communication 1842,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7749 Datasheet(HTML) 4 Page - EPCOS

  B7749 Datasheet HTML 1Page - EPCOS B7749 Datasheet HTML 2Page - EPCOS B7749 Datasheet HTML 3Page - EPCOS B7749 Datasheet HTML 4Page - EPCOS B7749 Datasheet HTML 5Page - EPCOS B7749 Datasheet HTML 6Page - EPCOS B7749 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Sep 25, 2002
SAW Components
B7749
1842,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +80 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL = 200 Ω (balanced) || 18 nH
min.
typ.
max.
Center frequency
fC
—
1842,5
—
MHz
Maximum insertion attenuation
α
max
1805,0
... 1880,0
MHz
—
3,0
3,5
dB
Amplitude ripple (p-p)
∆α
1805,0
... 1880,0
MHz
—
1,5
2,0
dB
Input VSWR
1805,0
... 1880,0
MHz
—
2,3
2,5
Output VSWR
1805,0
... 1880,0
MHz
—
2,0
2,2
Diff. to common mode suppression
Ssc12
1805,0
... 1880,0
MHz
—
22
—
dB
855,0
... 995,0
MHz
—
28
—
dB
1710,0
... 1990,0
MHz
—
22
—
dB
3420,0
... 3980,0
MHz
—
34
—
dB
Attenuation
α
0,0
... 1205,0
MHz
40
43
—
dB
1205,0
... 1705,0
MHz
30
32
—
dB
1705,0
... 1785,0
MHz
10
12
—
dB
1920,0
... 1980,0
MHz
10
19
—
dB
1980,0
... 2100,0
MHz
20
23
—
dB
2100,0
... 3000,0
MHz
30
36
—
dB
3000,0
... 6000,0
MHz
40
44
—
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com