Electronic Components Datasheet Search
  English  ▼

X  

SDAD102 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD102
Description  2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD102 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD102 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDAD10 2 __ __ __ __
+
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
¦
¦
¦
¦
¦
+ Reverse Recovery Time
__= Standard Recovery Time
¦
¦
¦
¦
¦
¦
¦
+ Voltage 2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and 15 = 15kV
¦
¦
¦
¦
¦
¦
¦
¦
+ Power Rating (See Below)
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Package Size = 2 Inches Diameter
SDAD102 Series
2,500 to 15,000 VOLTS
STANDARD RECOVERY
STACKABLE HIGH VOLTAGE RECTIFIER
FEATURES:
•
Stackable to 160kV
•
PIV 2.5kV to 15kV
•
High Current Ratings
•
Standard Reverse Recovery Time
•
Only Hermetically Sealed Rectifiers Used
•
Controlled Avalanche Rated
•
Modular Design for Easy Stacking
•
Storage and Operating Temps -65
°
C to +150
°
C
•
Available in Fast, Ultra Fast and Hyper Fast
Versions
•
Replacement Upgrade - Unitrode types UDE-2.5
through UDA-15
•
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS
3/
Peak Inverse
Voltage
Reverse
Recovery
Time 5/
Average DC Output
Current 4/
Tc = Case Temperature
Surge
Non-
repetitive
Maximum Forward
Voltage Drop
Maximum
Leakage
Current @PIV
Replacement Part
Number
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
Part Number
25
°C
25
°C
75
°C 50 °C 60 °C
100
°C
25
°C
25
°C
SDAD102 E 2.5
2.5
5000
6.00
7.70
7.00
200
5.0
3.0
10
UDE-2.5
SDAD102 B 2.5
2.5
5000
3.00
4.25
3.75
100
4.0
1.5
5
UDB-2.5
SDAD102 E 5.0
5.0
5000
4.50
5.50
5.00
200
10
2.2
10
UDE-5
SDAD102 B 5.0
5.0
5000
2.00
2.75
2.50
100
8.0
1.0
5
UDB-5
1N5600
SDAD102 A 5.0
5.0
5000
1.65
2.20
2.00
30
8.0
0.82
2
UDA-5
SDAD102 B 7.5
7.5
5000
1.33
2.00
1.65
100
12
0.7
5
UDB-7.5
SDAD102 A 7.5
7.5
5000
1.25
1.75
1.55
30
12
0.6
2
UDA-7.5
SDAD102 A 10
10
5000
1.00
1.40
1.25
30
16
0.5
2
UDA-10
1N5597
SDAD102 A 15
15
5000
0.67
0.90
0.80
30
25
0.33
2
UDA-15
High Current Versions
SDAD102 H 2.5
2.5
5000
12.0
14.4
14.0
250
3.40
10
20
SDAD102 H 5.0
5.0
5000
4.00
5.50
10.0
250
6.80
3.5
20
SDAD102 H 7.5
7.5
5000
2.66
4.00
3.30
125
8.85
2.0
10
SDAD102 H 10
10
5000
2.00
2.80
2.50
100
12.1
1.8
10
SDAD102 H 15
15
5000
1.33
1.80
1.60
100
17.6
1.1
10
SDAD102 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0067B
DOC


Similar Part No. - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102 SSDI-SDAD102 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A10 SSDI-SDAD102A10 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A15 SSDI-SDAD102A15 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A5.0 SSDI-SDAD102A5.0 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102A7.5 SSDI-SDAD102A7.5 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD102

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA513 SSDI-SPA513 Datasheet
313Kb / 3P
1 AMP, 15,000 to 20,000 VOLTS HIGH VOLTAGE RECTIFIER BRIDGE STACK
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101_1 Datasheet
74Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102_1 Datasheet
77Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103 SSDI-SDAD103_1 Datasheet
80Kb / 1P
STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com