Electronic Components Datasheet Search
  English  ▼

X  

B7753 Datasheet(PDF) 3 Page - EPCOS

Part # B7753
Description  SAW Components Low-Loss Filter for Mobile Communication 881,5 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7753 Datasheet(HTML) 3 Page - EPCOS

  B7753 Datasheet HTML 1Page - EPCOS B7753 Datasheet HTML 2Page - EPCOS B7753 Datasheet HTML 3Page - EPCOS B7753 Datasheet HTML 4Page - EPCOS B7753 Datasheet HTML 5Page - EPCOS B7753 Datasheet HTML 6Page - EPCOS B7753 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Jan 14, 2003
SAW Components
B7753
881,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= +25 ˚C
Terminating source impedance:
ZS = 50 Ω (unbalanced)
Terminating load impedance:
ZL = 150 Ω // 82 nH (balanced)
min.
typ.
max.
Center frequency
fC
—
881,5
—
MHz
Maximum insertion attenuation
α
max
869,0
... 894,0
MHz
—
2,0
2,3
dB
Amplitude ripple (p-p)
∆α
869,0
... 894,0
MHz
—
0,5
0,8
dB
Unbalanced input VSWR
869,0
... 894,0
MHz
—
1,9
2,1
Balanced output VSWR
869,0
... 894,0
MHz
—
1,9
2,1
Common mode Suppression
Ssc12
869,0
... 894,0
MHz
20
35
—
dB
824,0
... 995,0
MHz
20
35
—
dB
1648,0
...1990,0
MHz
20
45
—
dB
3296,0
...3980,0
MHz
20
28
—
dB
Attenuation
α
0,0
... 824,0
MHz
45
65
—
dB
824,0
... 849,0
MHz
32
40
—
dB
914,0
...1000,0
MHz
25
30
—
dB
1000,0
...3000,0
MHz
40
65
—
dB
3000,0
...6000,0
MHz
40
55
—
dB
Test matching network
Lp1 = 82 nH



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com