Electronic Components Datasheet Search
  English  ▼

X  

B7759 Datasheet(PDF) 4 Page - EPCOS

Part # B7759
Description  SAW Components Low-Loss Filter for Mobile Communication 1880,0 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7759 Datasheet(HTML) 4 Page - EPCOS

  B7759 Datasheet HTML 1Page - EPCOS B7759 Datasheet HTML 2Page - EPCOS B7759 Datasheet HTML 3Page - EPCOS B7759 Datasheet HTML 4Page - EPCOS B7759 Datasheet HTML 5Page - EPCOS B7759 Datasheet HTML 6Page - EPCOS B7759 Datasheet HTML 7Page - EPCOS B7759 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3
Jan 22, 2004
SAW Components
B7759
1880,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= 25 + 2˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
1880,0
—
MHz
Maximum insertion attenuation
α
max
1850,0 ... 1910,0MHz
—
2,9
3,5
dB
Amplitude ripple (p-p)
∆α
1850,0 ... 1910,0MHz
—
1,3
1,9
dB
Attenuation
α
DC
... 1720,0MHz
29
31
—
dB
1720,0 ... 1770,0MHz
29
33
—
dB
1770,0 ... 1830,0MHz
18
25
—
dB
1930,0 ... 1990,0MHz
35
42
—
dB
1990,0 ... 2032,0MHz
33
37
—
dB
2032,0 ... 2456,0MHz
35
40
—
dB
2456,0 ... 3820,0MHz
25
28
—
dB
3820,0 ... 5000,0MHz
15
21
—
dB
Input return loss
1850,0 ... 1910,0MHz
10
11
—
dB
Output return loss
1850,0 .. 1910,0MHz
10
11
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com