Electronic Components Datasheet Search
  English  ▼

X  

B7761 Datasheet(PDF) 3 Page - EPCOS

Part # B7761
Description  SAW Components Low-Loss Filter for Mobile Communication 836,5 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7761 Datasheet(HTML) 3 Page - EPCOS

  B7761 Datasheet HTML 1Page - EPCOS B7761 Datasheet HTML 2Page - EPCOS B7761 Datasheet HTML 3Page - EPCOS B7761 Datasheet HTML 4Page - EPCOS B7761 Datasheet HTML 5Page - EPCOS B7761 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Jun 15, 2004
SAW Components
B7761
836,5 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating temperature range:
T
= -10 to +85 ˚C
Terminating source impedance:
ZS = 100 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fC
—
836,5
—
MHz
Maximum insertion attenuation
α
max
824,0
... 849,0
MHz
—
2,3
2,71)
1) Maximum I.A from -30 to -10
˚C is 3.0 dB
dB
Amplitude ripple (p-p)
∆α
824,0
... 849,0
MHz
—
1,3
1,5
dB
Input VSWR (balanced)
824,0
... 849,0
MHz
—
1,9
2,2
Output VSWR (unbalanced)
824,0
... 849,0
MHz
—
1,9
2,1
Attenuation
α
0,0
... 804,0
MHz
40,0
45,0
—
dB
869,0
... 894,0
MHz
25,0
32,0
—
dB
894,0
...1990,0
MHz
30,0
42,0
—
dB
1990,0
...3400,0
MHz
25,0
35,0
—
dB
3400,0
...6000,0
MHz
20,0
27,0
—
dB
Amplitude Imbalance
- 1,5
1,0
dB
Phase Imbalance
-10,0
10,0
deg



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com