Electronic Components Datasheet Search
  English  ▼

X  

B7766 Datasheet(PDF) 2 Page - EPCOS

Part # B7766
Description  SAW Components Low-Loss Filter 2441,75 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7766 Datasheet(HTML) 2 Page - EPCOS

  B7766 Datasheet HTML 1Page - EPCOS B7766 Datasheet HTML 2Page - EPCOS B7766 Datasheet HTML 3Page - EPCOS B7766 Datasheet HTML 4Page - EPCOS B7766 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Oct 21, 2004
SAW Components
B7766
2441,75 MHz
Low-Loss Filter
Data Sheet
side view
top view
bottom view
0,1
2,5
1
2
3
6
5
4
0,5
Chip Sized Saw Package DCS6K
Features
q
Low-loss RF filter for bluetooth
q
Usable passband 83,5 MHz
q
Unbalanced to balanced operation
q
Impedance transformation
q
Package for Surface Mounted Technology
(SMT)
Terminals
q
Ni, gold-plated
Dimensions in mm, approx. weight 0,010g
Pin configuration
2
Input, unbalanced
1, 3
Input ground
4, 6
Output, balanced
5
To be grounded
Electrostatic Sensitive Device (ESD)
* - acc. to JESD22-A115A (Machine Model), 10 negative & 10 positive pulses
Type
Ordering code
Marking and Package
according to
Packing
according to
B7766
B39242-B7766-C911
C61157-A7-A123
F61074-V8153-Z000
Maximum ratings
Operable temperature range
T
– 40 /+ 85
˚C
Storage temperature range
Tstg
– 40 /+ 85
˚C
DC voltage
VDC
3,5
V
ESD voltage
VESD
50*
V
Machine Model, 10 pulses
Input power max.
2400...2483,5 MHz
824...849, 880...915 MHz
1710..1785, 1850..1910 MHz
PIN
8
25
23
dBm
source/load impedance 50
Ω /
120
Ω c.w.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com