Electronic Components Datasheet Search
  English  ▼

X  

B7808 Datasheet(PDF) 3 Page - EPCOS

Part # B7808
Description  SAW Components Low Loss Filter for Mobile Communication 2140,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7808 Datasheet(HTML) 3 Page - EPCOS

  B7808 Datasheet HTML 1Page - EPCOS B7808 Datasheet HTML 2Page - EPCOS B7808 Datasheet HTML 3Page - EPCOS B7808 Datasheet HTML 4Page - EPCOS B7808 Datasheet HTML 5Page - EPCOS B7808 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Mar 28, 2002
SAW Components
2140,0 MHz
Low Loss Filter for Mobile Communication
Data Sheet
B7808
Characteristics
Operating temperature range:
T
= 25˚C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 50 Ω
min.
typ.
max.
Center frequency
fc
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0
...2170,0
MHz
—
2,5
3,0
dB
Amplitude ripple (p-p)
∆α
2110,0
...2170,0
MHz
—
0,6
1,0
dB
Amplitude ripple (p-p) per 5-MHz channel
∆α
ch
2110,0
...2170,0
MHz
—
0,3
0,5
dB
VSWR
Input
2110,0
...2170,0
MHz
—
1,8
2,0
Output
2110,0
...2170,0
MHz
—
1,8
2,0
Attenuation
α
0,0
...1730,0
MHz
15,0
18,0
—
dB
1730,0
...1980,0
MHz
22,0
25,0
—
dB
1980,0
...2050,0
MHz
17,0
20,0
—
dB
2230,0
...2255,0
MHz
25,0
29,0
—
dB
2255,0
...2490,0
MHz
25,0
30,0
—
dB
2490,0
...2550,0
MHz
25,0
30,0
—
dB
2550,0 ...2930,0
MHz
22,0
24,0
—
dB
2930,0
...6000,0
MHz
14,0
16,0
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com