Electronic Components Datasheet Search
  English  ▼

X  

B7809 Datasheet(PDF) 3 Page - EPCOS

Part # B7809
Description  SAW Components Low-Loss Filter for Mobile Communication 2441,75 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7809 Datasheet(HTML) 3 Page - EPCOS

  B7809 Datasheet HTML 1Page - EPCOS B7809 Datasheet HTML 2Page - EPCOS B7809 Datasheet HTML 3Page - EPCOS B7809 Datasheet HTML 4Page - EPCOS B7809 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Apr 15, 2002
SAW Components
B7809
2441,75 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= -40˚C to 85˚C
Terminating source impedance:
ZS
=50
Ω
Terminating load impedance:
ZL
=50
Ω
*)
T= -30˚C to 85˚C
min.
typ.
max.
Center frequency
fC
—
2441,75
—
MHz
Maximum insertion attenuation
α
max
2400,0 ... 2483,5 MHz
—
2,6
3,5
dB
Amplitude ripple
∆α
2400,0 ... 2483,5 MHz
—
1,2
2,2
dB
2400,0 ... 2483,5 MHz *)
—
1,2
2,0
dB
Attenuation
α
0,00 ... 1785,00 MHz
15
17
—
dB
1785,00 ... 1850,00 MHz
20
24
—
dB
1850,00 ... 1950,00 MHz
22
26
—
dB
1950,00 ... 2170,00 MHz
24
29
—
dB
2170,00 ... 2250,00 MHz
20
24
—
dB
2250,00 ... 2300,00 MHz
18
20
—
dB
2600,00 ... 3000,00 MHz
20
25
—
dB
3000,00 ... 4000,00 MHz
15
18
—
dB
4000,00 ... 5000,00 MHz
12
15
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com