Electronic Components Datasheet Search
  English  ▼

X  

5271802 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 5271802
Description  Filter regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

5271802 Datasheet(HTML) 1 Page - Festo Corporation.

  5271802 Datasheet HTML 1Page - Festo Corporation. 5271802 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Filter regulator
LFR-N1/4-D-16-5M-O-MIDI-T3-EX4
Part number: 5271802
General operating condition
Data sheet
Feature
Value
Size
Midi
Series
D
Actuator lock
Rotary knob with detent
Mounting position
Vertical +/- 5°
Grade of filtration
5 µm
Condensate drain
Manually rotating
Structural design
Filter regulator without pressure gauge
Max. condensate volume
42 ml
Bowl guard
Integrated as metal bowl guard
Symbol
00991586
Pressure gauge
G1/4 prepared
Operating pressure
0.1 MPa ... 2 MPa
Operating pressure
1 bar ... 20 bar
Pressure regulation range
0.5 bar ... 16 bar
Max. pressure hysteresis
0.02 MPa
Max. pressure hysteresis
2.9 psi
Standard nominal flow rate
1150 l/min
CE marking (see declaration of conformity)
as per EU explosion protection directive (ATEX)
UKCA marking (see declaration of conformity)
acc. to UK EX instructions
Explosion protection certification outside the EU
EPL Db (GB)
EPL Gb (GB)
Explosion prevention and protection
Zone 1 (ATEX)
Zone 1 (UKEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 21 (UKEX)
Zone 22 (ATEX)
ATEX category gas
II 2G
ATEX category for dust
II 2D
Type of ignition protection for gas
Ex h IIC T6 Gb X
Type of (ignition) protection for dust
Ex h IIIC T85°C Db X
Explosive ambient temperature
-40°C <= Ta <= +80°C
Operating medium
Compressed air as per ISO 8573-1:2010 [-:9:-]
Inert gas
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
3 - High corrosion stress
7/14/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 5271802

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5271800 FESTO-5271800 Datasheet
93Kb / 2P
Filter regulator
5271801 FESTO-5271801 Datasheet
93Kb / 2P
Filter regulator
5271803 FESTO-5271803 Datasheet
93Kb / 2P
Filter regulator
5271804 FESTO-5271804 Datasheet
94Kb / 2P
Filter regulator
5271805 FESTO-5271805 Datasheet
93Kb / 2P
Filter regulator
More results

Similar Description - 5271802

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
529145 FESTO-529145 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529146 FESTO-529146 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529151 FESTO-529151 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529158 FESTO-529158 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529159 FESTO-529159 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529162 FESTO-529162 Datasheet
89Kb / 2P
Filter regulator
2/10/22
529172 FESTO-529172 Datasheet
88Kb / 2P
Filter regulator
2/10/22
529174 FESTO-529174 Datasheet
88Kb / 2P
Filter regulator
2/10/22
535720 FESTO-535720 Datasheet
87Kb / 2P
Filter regulator
2/10/22
529191 FESTO-529191 Datasheet
87Kb / 2P
Filter regulator
2/15/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com