Electronic Components Datasheet Search
  English  ▼

X  

B7823 Datasheet(PDF) 5 Page - EPCOS

Part # B7823
Description  SAW Components Low-Loss Filter for Mobile Communication 1960,0 MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7823 Datasheet(HTML) 5 Page - EPCOS

  B7823 Datasheet HTML 1Page - EPCOS B7823 Datasheet HTML 2Page - EPCOS B7823 Datasheet HTML 3Page - EPCOS B7823 Datasheet HTML 4Page - EPCOS B7823 Datasheet HTML 5Page - EPCOS B7823 Datasheet HTML 6Page - EPCOS B7823 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
May 06, 2003
SAW Components
B7823
1960,0 MHz
Low-Loss Filter for Mobile Communication
Preliminary Data
Characteristics
Operating Temperature Range:
T
= -30 to +85˚C
Terminating source impedance:
ZS = 50Ω (unbalanced)
Terminating load impedance:
ZL = 50Ω (unbalanced)
min.
typ.
max.
Center frequency
fC
—
1960,0
—
MHz
Maximum insertion attenuation
α
max
1930,0
... 1990,0
MHz
—
2,6
3,3
dB
Amplitude ripple (p-p)
∆α
1930,0
... 1990,0
MHz
—
1,1
1,8
dB
Input VSWR
1930,0
...1990,0
MHz
—
1,9
2,1
Output VSWR
1930,0
...1990,0
MHz
—
2,0
2,2
Attenuation
α
0,0
... 1500,0
MHz
35
42
—
dB
1500,0
... 1700,0
MHz
30
38
—
dB
1700,0
... 1850,0
MHz
25
30
—
dB
1850,0
... 1890,0
MHz
20
24
—
dB
1890,0
... 1910,0
MHz
8
12
—
dB
2010,0
... 2070,0
MHz
6*
10*
—
dB
2070,0
... 2090,0
MHz
18
23
—
dB
2090,0
... 2200,0
MHz
25
28
—
dB
2200,0
... 2400,0
MHz
25
32
—
dB
2400,0
... 2500,0
MHz
30
35
—
dB
2500,0
... 3600,0
MHz
30
35
—
dB
3600,0
... 4000,0
MHz
30
38
—
dB
4000,0
... 6000,0
MHz
25
35
—
dB
* 7dB (min.) (11dB typ.) for
T= -20 to +85˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com