Electronic Components Datasheet Search
  English  ▼

X  

SDAD102F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD102F
Description  2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD102F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD102F Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDAD10 2 __ __ __ __
+
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
¦
¦
¦
¦
¦
+
Reverse Recovery Time
F = Fast Recovery Time
¦
¦
¦
¦
¦
¦
¦
+ Voltage 2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and 15 = 15kV
¦
¦
¦
¦
¦
¦
¦
¦
+ Power Rating (See Below)
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Package Size = 2 Inches Diameter
SDAD102 F Series
2,500 to 15,000 VOLTS
FAST RECOVERY
STACKABLE HIGH VOLTAGE
RECTIFIER
FEATURES:
Stackable to 160kV
PIV 2.5kV to 15kV
High Current Ratings
Fast Reverse Recovery Time
Only Hermetically Sealed Rectifiers Used
Controlled Avalanche Rated
Modular Design for Easy Stacking
Storage and Operating Temps -65
°C to +150°C
Available in Standard, Ultra Fast and Hyper Fast
Versions
Replacement Upgrade- Unitrode types UDF-2.5
through UDC-15
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS
3/
Peak
Inverse
Voltage
Reverse
Recovery
Time 5/
Average DC Output Current
4/
Tc = Case Temperature
Surge
Non-
repetitive
Maximum Forward
Voltage Drop
Maximum
Leakage Current
@PIV
Replacement
Part Number
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
Part Number
25
°C
25
°C
75
°C
50
°C
60
°C
100
°C
25
°C
25
°C
SDAD102 F 2.5 F
2.5
500
4.50
5.30
5.00
150
6.0
2.2
10
UDF-2.5
SDAD102 D 2.5 F
2.5
500
2.25
3.30
2.80
80
6.0
1.2
5
UDD-2.5
SDAD102 F 5.0 F
5.0
500
3.30
4.40
4.00
150
11
1.6
10
UDF-5
SDAD102 D 5.0 F
5.0
500
1.50
2.00
1.85
80
11
0.75
5
UDD-5
SDAD102 C 5.0 F
5.0
500
1.20
1.70
1.50
25
10
0.70
2
UDC-5
SDAD102 D 7.5 F
7.5
500
1.00
1.50
1.25
80
17
0.50
5
UDD-7.5
SDAD102 C 7.5 F
7.5
500
0.90
1.25
1.10
25
15
0.50
2
UDC-7.5
SDAD102 C 10 F
10
500
0.75
1.00
0.90
25
20
0.37
2
UDC-10
SDAD102 C 15 F
15
500
0.50
0.70
0.60
25
30
0.25
2
UDC-15
High Current Versions
SDAD102 H 2.5 F
2.5
500
9.00
10.6
10.0
200
4.05
7.0
20
---
SDAD102 H 5.0 F
5.0
500
6.60
8.80
8.00
200
7.20
5.0
20
---
SDAD102 H 7.5 F
7.5
500
2.00
3.00
2.50
125
9.6
1.7
10
---
SDAD102 H 10 F
10
500
1.50
2.00
1.80
100
12.0
1.3
10
---
SDAD102 H 15 F
15
500
1.00
1.40
1.20
100
17.2
0.8
10
---
SDAD102 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0086A
DOC


Similar Part No. - SDAD102F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102F SSDI-SDAD102F Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F2.5F SSDI-SDAD102F2.5F Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F5.0F SSDI-SDAD102F5.0F Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD102F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101F SSDI-SDAD101F Datasheet
74Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com