Electronic Components Datasheet Search
  English  ▼

X  

SDAD102F2.5F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDAD102F2.5F
Description  2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDAD102F2.5F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDAD102F2.5F Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information
1/
SDAD10 2 __ __ __ __
+
Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
¦
¦
¦
¦
¦
+
Reverse Recovery Time
F = Fast Recovery Time
¦
¦
¦
¦
¦
¦
¦
+ Voltage 2.5 = 2.5kV, 5 = 5kV,
7.5 = 7.5kV, 10 = 10kV, and 15 = 15kV
¦
¦
¦
¦
¦
¦
¦
¦
+ Power Rating (See Below)
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Package Size = 2 Inches Diameter
SDAD102 F Series
2,500 to 15,000 VOLTS
FAST RECOVERY
STACKABLE HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Stackable to 160kV
•
PIV 2.5kV to 15kV
•
High Current Ratings
•
Fast Reverse Recovery Time
•
Only Hermetically Sealed Rectifiers Used
•
Controlled Avalanche Rated
•
Modular Design for Easy Stacking
•
Storage and Operating Temps -65
°C to +150°C
•
Available in Standard, Ultra Fast and Hyper Fast
Versions
•
Replacement Upgrade- Unitrode types UDF-2.5
through UDC-15
•
TX, TXV, and S-Level Screening Available
2/
ELECTRICAL CHARACTERISTICS
3/
Peak
Inverse
Voltage
Reverse
Recovery
Time 5/
Average DC Output Current
4/
Tc = Case Temperature
Surge
Non-
repetitive
Maximum Forward
Voltage Drop
Maximum
Leakage Current
@PIV
Replacement
Part Number
PIV (KV)
Max (ns)
If(avg)
Ifsm
Vf (V)
If (A)
Ir (uA)
Part Number
25
°C
25
°C
75
°C
50
°C
60
°C
100
°C
25
°C
25
°C
SDAD102 F 2.5 F
2.5
500
4.50
5.30
5.00
150
6.0
2.2
10
UDF-2.5
SDAD102 D 2.5 F
2.5
500
2.25
3.30
2.80
80
6.0
1.2
5
UDD-2.5
SDAD102 F 5.0 F
5.0
500
3.30
4.40
4.00
150
11
1.6
10
UDF-5
SDAD102 D 5.0 F
5.0
500
1.50
2.00
1.85
80
11
0.75
5
UDD-5
SDAD102 C 5.0 F
5.0
500
1.20
1.70
1.50
25
10
0.70
2
UDC-5
SDAD102 D 7.5 F
7.5
500
1.00
1.50
1.25
80
17
0.50
5
UDD-7.5
SDAD102 C 7.5 F
7.5
500
0.90
1.25
1.10
25
15
0.50
2
UDC-7.5
SDAD102 C 10 F
10
500
0.75
1.00
0.90
25
20
0.37
2
UDC-10
SDAD102 C 15 F
15
500
0.50
0.70
0.60
25
30
0.25
2
UDC-15
High Current Versions
SDAD102 H 2.5 F
2.5
500
9.00
10.6
10.0
200
4.05
7.0
20
---
SDAD102 H 5.0 F
5.0
500
6.60
8.80
8.00
200
7.20
5.0
20
---
SDAD102 H 7.5 F
7.5
500
2.00
3.00
2.50
125
9.6
1.7
10
---
SDAD102 H 10 F
10
500
1.50
2.00
1.80
100
12.0
1.3
10
---
SDAD102 H 15 F
15
500
1.00
1.40
1.20
100
17.2
0.8
10
---
SDAD102 Package:
NOTES:
1/ For Ordering Information, Price, Curves, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Tc = 50 ºC typical operation in oil.
Tc = 75 ºC is typical ambient Ta = 25 ºC unheatsunk.
Tc = 60 ºC typical operation with extender plates in air.
5/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0086A
DOC


Similar Part No. - SDAD102F2.5F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD102F2.5F SSDI-SDAD102F2.5F Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results

Similar Description - SDAD102F2.5F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDAD103 SSDI-SDAD103 Datasheet
40Kb / 1P
2,500 to 15,000 VOLTS FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102 SSDI-SDAD102 Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101 SSDI-SDAD101 Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS STANDARD RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103UF SSDI-SDAD103UF Datasheet
39Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101UF SSDI-SDAD101UF Datasheet
36Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF Datasheet
37Kb / 1P
2,500 to 15,000 VOLTS ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD101F SSDI-SDAD101F Datasheet
74Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102F SSDI-SDAD102F_1 Datasheet
77Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD102UF SSDI-SDAD102UF_1 Datasheet
76Kb / 1P
ULTRA FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
SDAD103F SSDI-SDAD103F_1 Datasheet
80Kb / 1P
FAST RECOVERY STACKABLE HIGH VOLTAGE RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com