Electronic Components Datasheet Search
  English  ▼

X  

SUM25F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SUM25F
Description  0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SUM25F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SUM25F Datasheet HTML 1Page - Solid States Devices, Inc SUM25F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
SOLID STATE DEVICES, INC.
CASE OUTLINE: SURFACE MOUNT SQUARE TAB (SMS)
SUM20F & FSMS
thru
SUM50F & FSMS
PACKAGE OUTLINE: AXIAL RECTIFIER
DIMENSIONS
DIM
MIN.
MAX.
A
--
.300"
B
.065"
.165"
C
1.00"
--
D
.047"
.053"
DIMENSIONS
DIM
MIN.
MAX.
A
170
.180"
B
.285"
.325"
C
.020"
.030"
D
.002"
--
NOTES:
Consult manufacturing for operating curves.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com