Electronic Components Datasheet Search
  English  ▼

X  

SDR622CTM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR622CTM
Description  40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR622CTM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR622CTM Datasheet HTML 1Page - Solid States Devices, Inc SDR622CTM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RC0027E
DATA SHEET #:
40 AMPS
100 - 200 VOLTS
35 nsec
HYPER FAST
COMMOM CATHODE
CENTERTAP RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and
SDR620CTM & Z
DC Blocking Voltage 2/
SDR621CTM & Z
SDR622CTM & Z
40
Amps
Io
Average Rectified Forward Current
(Resistive load, 60Hz, Sine Wave, TA = 25
oC) 1/
300
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC, per leg) 1/
Maximum Thermal Resistance
Junction to Case, each individual diode
Junction to Case, 1/
1.2
0.8
oC/W
RθJC
oC
-65 TO +200
TOP & Tstg
Operating and Storage Temperature
SDR620CTM & Z
thru
SDR622CTM & Z
• Replaces 1N6657, 1N6658, 1N6659 Devices
• Hyper Fast Recovery: 35 nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach available
• Ultrasonic Aluminum Wire Bonds
• TX, TXV and Space Level Screening Available
TO-254Z (Z)
TO-254 (M)
NOTES:
1/
Both Legs Tied Together
2/
Higher Voltages Available
3/
Consult Factory for Doubler Specifications
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
VRRM
VRWM
VR
100
150
200
Volts
Available in Following Configurations: 3/
SDR620CTM, SDR620CTZ, SDR620CAM, SDR620CAZ, SDR620DM, SDR620DZ
SDR621CTM, SDR621CTZ, SDR621CAM, SDR621CAZ, SDR621DM, SDR621DZ
SDR622CTM, SDR622CTZ, SDR622CAM, SDR622CAZ, SDR622DM, SDR622DZ
PM


Similar Part No. - SDR622CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR622CT SSDI-SDR622CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR622CT SSDI-SDR622CT Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR622CT SSDI-SDR622CT Datasheet
41Kb / 2P
COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
SDR622CT/CAP6 SSDI-SDR622CT/CAP6 Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR622CT/CAP6 SSDI-SDR622CT/CAP6 Datasheet
40Kb / 2P
80AMP 100-200Volts 35nsec COMMON ANODE & CATHODE HYPERFAST CENTERTAP RECTIFIER
More results

Similar Description - SDR622CTM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR620CT SSDI-SDR620CT Datasheet
40Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR9100CTN SSDI-SDR9100CTN Datasheet
237Kb / 2P
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR620CT SSDI-SDR620CT Datasheet
168Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER
SDR620CTJ SSDI-SDR620CTJ Datasheet
37Kb / 2P
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR640CT SSDI-SDR640CT Datasheet
320Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR950CT-3 SSDI-SDR950CT-3 Datasheet
209Kb / 2P
120 AMP 100 - 200 VOLTS 35 nsec HYPER FAST COMMONCATHODE CENTERTAP RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR6210CT SSDI-SDR6210CT Datasheet
107Kb / 3P
40 AMPS 1000 - 1200 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com