Electronic Components Datasheet Search
  English  ▼

X  

SRM5 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SRM5
Description  20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SRM5 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SRM5 Datasheet HTML 1Page - Solid States Devices, Inc SRM5 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
20
40
60
80
100
0
25
50
75
100
125
150
175
200
1
10
100
1000
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
PRELIMINARY
SOLID STATE DEVICES, INC.
Electrical Characteristics
SYMBOL
UNITS
Instantaneous Forward Voltage Drop
(IF = 20ADC, TA = 25
oC, 300
µsec min pulse)
VDC
MAXIMUM
SRM5
thru
SRM10
1.05
1.15
VF1
VF2
pF
250
CJ
µµµµµsec
5
tRR
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
Reverse Leakage Current
(Rated VR , 300µsec min pulse)
IR1
IR2
µµµµµA
2.0
500
POWER DERATING CURVE
CASE TEMPERATURE (oC)
109oC
CASE OUTLINE: AXIAL
TA = 25
oC
TA = -55
oC
TA = 25
oC
TA = 100
oC
Junction Capacitance
(VR = 10VDC, TA = 25
oC, f = 1MHz)
FORWARD VOLTAGE ( Vf )
VOLTAGE ( V )
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
.500 MIN
.500 MIN
Ø.310 MAX
Ø.250
Ø.210
Ø.060±.003
.150
MAX
TOLERANCES:
(UNLESS OTHERWISE SPECIFIED)
.XX ±.03
.XXX ±.010



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com