Electronic Components Datasheet Search
  English  ▼

X  

SP317 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP317
Description  3-Terminal 1 Amp Adjustable Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP317 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP317 Datasheet HTML 5Page - Sipex Corporation SP317 Datasheet HTML 6Page - Sipex Corporation SP317 Datasheet HTML 7Page - Sipex Corporation SP317 Datasheet HTML 8Page - Sipex Corporation SP317 Datasheet HTML 9Page - Sipex Corporation SP317 Datasheet HTML 10Page - Sipex Corporation SP317 Datasheet HTML 11Page - Sipex Corporation SP317 Datasheet HTML 12Page - Sipex Corporation SP317 Datasheet HTML 13Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2
Date: 7/27/06 Rev F
SP37 3-Terminal Amp Adjustable Voltage Regulator
© 2006 Sipex Corporation
Mechanical Dimensions (continued)
TO-263
Unit: mm(inch)
7
3
7
0.0(0.03)
0.0(0.020)
2.0(0.00)
.0(0.0)
.60(0.30)
3
.760(0.)
.0(0.3)
2.60(0.0)
0.020(0.00)

2
0
6
0.30(0.0)
0.360(0.0)
2.200(0.07)
70
0.20(0.0)
.070(0.60)
.20(0.0)
.30(0.0)
.0(0.0)
.30(0.0)
2.0(0.00)
.270(0.00)
.30(0.0)
.70(0.620)
0.20(0.00)
2.700(0.06)
0.00(0.06)
7.20(0.22)
7.0(0.3)
2.0(0.00)
2.0(0.00)
PAckAge: 3 Pin TO-263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com