Electronic Components Datasheet Search
  English  ▼

X  

SP207CA Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP207CA
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207CA Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP207CA Datasheet HTML 3Page - Sipex Corporation SP207CA Datasheet HTML 4Page - Sipex Corporation SP207CA Datasheet HTML 5Page - Sipex Corporation SP207CA Datasheet HTML 6Page - Sipex Corporation SP207CA Datasheet HTML 7Page - Sipex Corporation SP207CA Datasheet HTML 8Page - Sipex Corporation SP207CA Datasheet HTML 9Page - Sipex Corporation SP207CA Datasheet HTML 10Page - Sipex Corporation SP207CA Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
Figure 3. Charge Pump Waveforms
+10V
a) C
2
+
GND
GND
b) C
2
–
–10V
pump. Each model within the Series incorpo-
rates variations of these circuits to achieve the
desired configuration and performance.
Transmitter/Driver
The drivers are inverting transmitters, which ac-
cept either TTL or CMOS inputs and output the
RS-232 signals with an inverted sense relative to
the input logic levels. Typically, the RS-232 out-
put voltage swing is
±9V with no load, and ±5V
minimum with full load. The transmitter outputs
are protected against infinite short–circuits to
ground without degradation in reliability. The
drivers of the SP200, SP206, SP206B, SP207B,
SP211, SP211B and SP213 can be tri–stated by
using
the
SHUTDOWN
function.
In the “power off” state, the output impedance will
remain greater than 300 Ohms, again satisfying the
RS-232 specifications. Should the input of the
driver be left open, an internal 400kOhm pullup
resistor to V
CC forces the input high, thus commit-
ting the output to a low state. The slew rate of the
transmitter output is internally limited to a maxi-
mum of 30V/
µs in order to meet the EIA standards
(EIA RS-232D 2.1.7, Paragraph 5). The transition
of the loaded output from high to low also meets
the monotonicity requirements of the standard.
Receivers
The receivers convert RS-232 input signals to
inverted TTL signals. Since the input is usually
from a transmission line where long cable lengths
and system interference can degrade the signal,
the inputs have a typical hysteresis margin of
500mV. This ensures that the receiver is virtu-
ally immune to noisy transmission lines. Should
an input be left unconnected, a 5kOhm pulldown
resistor to ground will commit the output of the
receiver to a high state.
Figure 4. Charge Pump — Phase 3
VCC = +5V
–5V
+5V
–5V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com