Electronic Components Datasheet Search
  English  ▼

X  

B7827 Datasheet(PDF) 3 Page - EPCOS

Part # B7827
Description  SAW Components Low-Loss Filter for Mobile Communication 2140,0 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7827 Datasheet(HTML) 3 Page - EPCOS

  B7827 Datasheet HTML 1Page - EPCOS B7827 Datasheet HTML 2Page - EPCOS B7827 Datasheet HTML 3Page - EPCOS B7827 Datasheet HTML 4Page - EPCOS B7827 Datasheet HTML 5Page - EPCOS B7827 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sep 13, 2005
SAW Components
B7827
2140,0 MHz
Low-Loss Filter for Mobile Communication
Data Sheet
Characteristics
Operating Temperature Range:
T
= 25˚C
Terminating source impedance:
ZS = 50Ω
Terminating load impedance:
ZL = 100Ω II 18 nH
min.
typ.
max.
Center frequency
fC
—
2140,0
—
MHz
Maximum insertion attenuation
α
max
2110,0
... 2170,0
MHz
1,5
1,8
dB
Amplitude ripple (p-p)
∆α
2110,0
... 2170,0
MHz
—
0,5
0,8
dB
Input VSWR
2110,0
... 2170,0
MHz
—
1,8
2,2
Output VSWR
2110,0
... 2170,0
MHz
—
1,8
2,2
Output phase balance (
φ(S31)−φ(S21)+180˚)
2110,0
... 2170,0
MHz
-10
-2 ... 2
10
degree
Output amplitude balance
(|S31/S21|)
2110,0
... 2170,0
MHz
-1,0
-0,7 ... 0,5
1,0
dB
Attenuation
α
0,0
... 1920,0
MHz
35
43
—
dB
1920,0
... 1980,0
MHz
40
51
—
dB
1980,0
... 2025,0
MHz
32
42
—
dB
2025,0
... 2050,0
MHz
20
32
—
dB
2250,0
... 2350,0
MHz
20
27
—
dB
2350,0
... 6000,0
MHz
30
35
—
dB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com