Electronic Components Datasheet Search
  English  ▼

X  

SP333ET Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP333ET
Description  5V Only RS-232/AppleTalk??Programmable Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP333ET Datasheet(HTML) 4 Page - Sipex Corporation

  SP333ET Datasheet HTML 1Page - Sipex Corporation SP333ET Datasheet HTML 2Page - Sipex Corporation SP333ET Datasheet HTML 3Page - Sipex Corporation SP333ET Datasheet HTML 4Page - Sipex Corporation SP333ET Datasheet HTML 5Page - Sipex Corporation SP333ET Datasheet HTML 6Page - Sipex Corporation SP333ET Datasheet HTML 7Page - Sipex Corporation SP333ET Datasheet HTML 8Page - Sipex Corporation SP333ET Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev 07/29/02
SP333 RS-232/AppleTalk Programmable Transceiver
© Copyright 2002 Sipex Corporation
SPECIFICATIONS (CONTINUED)
T
MIN to TMAX and VCC = 5V±5% unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNITS
CONDITIONS
RS-232 Receiver
Low Threshold
0.8
1.2
Volts
Input Voltage Range
-15
+15
Volts
Input Impedance
3
5
7
kOhms
V
IN=±15V
Hysteresis
0.2
0.5
1.0
Volts
V
CC=+5V
Transmission Rate
10
Mbps
Propagation Delay
t
PHL
100
600
ns
From 50% of V
IN to 1.5V of ROUT
t
PLH
100
600
ns
From 50% of V
IN to 1.5V of ROUT
Data Rate
460
600
kbps
POWER REQUIREMENTS
No Load Supply Current
15
25
mA
No load; V
CC=5.0V; TA=25˚C
Shutdown Supply Current
75
µAT
A=25˚C, VCC=5.0V
AC PARAMETERS
Differential Mode
t
PZL; Enable to Output low
200
1000
ns
C
L=100pF, Figures 2 & 4, S2 closed
t
PZH; Enable to Output high
200
1000
ns
C
L=100pF, Figures 2 & 4, S1 closed
t
PLZ; Disable from Output low
200
1000
ns
C
L=15pF, Figures 2 & 4, S2 closed
t
PHZ; Disable from Output high
200
1000
ns
C
L=15pF, Figures 2 & 4, S1 closed
Receiver Delay Time from Enable Mode to Tri-state Mode
Single-Ended Mode
t
PZL; Enable to Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PZH; Enable to Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
t
PLZ; Disable from Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PHZ; Disable from Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
Differential Mode
t
PZL; Enable to Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PZH; Enable to Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
t
PLZ; Disable from Output low
200
1000
ns
C
RL=15pF, Figures 1 & 6, S1 closed
t
PHZ; Disable from Output high
200
1000
ns
C
RL=15pF, Figures 1 & 6, S2 closed
Notes:
1.
Measured from 2.5V of R
IN to 2.5V of ROUT.
2.
Measured from one–half of R
IN to 2.5V of ROUT.
3.
Measured from 1.5V of T
IN to one–half of TOUT.
4.
Measured from 2.5V of R
O to 0V of A and B.
500Ω
CL
Output
Under
Test
S1
S2
VCC
1KΩ
1KΩ
CRL
Receiver
Output
S1
S2
Test Point
VCC
Figure
2.
Receiver
Timing
Test
Load
Circuit
Figure
1.
Driver
Timing
Test
Load
Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com