Electronic Components Datasheet Search
  English  ▼

X  

RF2126 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2126
Description  HIGH POWER LINEAR AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2126 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2126 Datasheet HTML 1Page - RF Micro Devices RF2126 Datasheet HTML 2Page - RF Micro Devices RF2126 Datasheet HTML 3Page - RF Micro Devices RF2126 Datasheet HTML 4Page - RF Micro Devices RF2126 Datasheet HTML 5Page - RF Micro Devices RF2126 Datasheet HTML 6Page - RF Micro Devices RF2126 Datasheet HTML 7Page - RF Micro Devices RF2126 Datasheet HTML 8Page - RF Micro Devices RF2126 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-3
2
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
1
2
3
4
8
7
6
5
RF IN
RF IN
PC
VCC
RF OUT
RF OUT
RF OUT
RF OUT
BIAS
CIRCUIT
PACKAGE BASE
GND
RF2126
HIGH POWER LINEAR AMPLIFIER
The RF2126 is a high-power, high-efficiency, linear amplifier IC. The device
is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process and has been designed for use as the final RF
amplifier in 2.45 GHz ISM applications such as WLAN and POS terminals.
The part will also function as the final stage in transmitters requiring lin-
ear amplification operating between 400MHz and 2700MHz. The device
is packaged in an 8-lead plastic package with a backside ground. The
device is self-contained with the exception of the output matching network
and power supply feed line. It produces a typical output power level of 1W.
Features
Single 3V to 6.0V Supply
1.3W Output Power
12dB Gain
45% Efficiency
Power Down Mode
400MHz to 2700MHz Opera-
tion
Applications
2.5GHz ISM Band Applica-
tions
Digital Communication Sys-
tems
PCS Communication Systems
Commercial and Consumer
Systems
Portable Battery-Powered
Equipment
RF2126
High Power Linear Amplifier
RF2126PCK
Fully Assembled Evaluation Board
Rev A14 DS070511
RF2126High
Power Linear
Amplifier
RoHS Compliant & Pb-Free Product
Package Style: SOIC-8 Slug


Similar Part No. - RF2126

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2126 RFMD-RF2126 Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2126PCBA RFMD-RF2126PCBA Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
More results

Similar Description - RF2126

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2105L RFMD-RF2105L Datasheet
70Kb / 8P
HIGH POWER LINEAR UHF AMPLIFIER
RF2125 RFMD-RF2125 Datasheet
104Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2125P RFMD-RF2125P Datasheet
51Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2126 RFMD-RF2126 Datasheet
57Kb / 6P
HIGH POWER LINEAR AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com