Electronic Components Datasheet Search
  English  ▼

X  

RF2155 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2155
Description  3V PROGRAMMABLE GAIN POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2155 Datasheet(HTML) 7 Page - RF Micro Devices

  RF2155 Datasheet HTML 1Page - RF Micro Devices RF2155 Datasheet HTML 2Page - RF Micro Devices RF2155 Datasheet HTML 3Page - RF Micro Devices RF2155 Datasheet HTML 4Page - RF Micro Devices RF2155 Datasheet HTML 5Page - RF Micro Devices RF2155 Datasheet HTML 6Page - RF Micro Devices RF2155 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2-179
RF2155
Rev B8 060921
Pout and Icc vs. Pin, State 10
(915 MHz, Vcc=3.6 V, Vpd=3.0 V)
-5
0
5
10
15
20
25
-20
-15
-10
-5
0
5
10
Pin (dBm)
0
50
100
150
200
250
300
Pout
Icc
Pout and Icc vs. Pin, State 11
(915 MHz, Vcc=3.6 V, Vpd=3.0 V)
5
10
15
20
25
30
-20
-15
-10
-5
0
5
10
Pin (dBm)
50
100
150
200
250
300
Pout
Icc
Pout and Icc vs. Pin, State 01
(915 MHz, Vcc=3.6 V, Vpd=3.0 V)
-10
-5
0
5
10
15
20
-20
-15
-10
-5
0
5
10
Pin (dBm)
0
50
100
150
200
250
300
Pout
Icc
Pout and Icc vs. Pin, State 01
(915 MHz, Vcc=3.6 V, Vpd=3.0 V)
-20
-15
-10
-5
0
5
10
-20
-15
-10
-5
0
5
10
Pin (dBm)
0
50
100
150
200
250
300
Pout
Icc
Pout and Efficiency vs. Vcc, Full Gain
(915 MHz, Pin=0 dBm, Vcc=3.6 V, Vpd=3.0 V)
25
26
27
28
29
30
3.0
3.5
4.0
4.5
5.0
5.5
Vcc (Volts)
45.0
48.0
51.0
54.0
57.0
60.0
Pout
Efficiency
Pout vs. Temperature, All Gain Settings
(Pin=0 dBm, Vcc=3.6 V, Vpd=3.0 V)
-5
0
5
10
15
20
25
30
-25
-5
153555
7595
Temperature (°C)
Bit1=1;Bit2=1
Bit1=1;Bit2=0
Bit1=0;Bit2=1
Bit1=0;Bit2=0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com