Electronic Components Datasheet Search
  English  ▼

X  

RF2192 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF2192
Description  3V 900MHz LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2192 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF2192 Datasheet HTML 2Page - RF Micro Devices RF2192 Datasheet HTML 3Page - RF Micro Devices RF2192 Datasheet HTML 4Page - RF Micro Devices RF2192 Datasheet HTML 5Page - RF Micro Devices RF2192 Datasheet HTML 6Page - RF Micro Devices RF2192 Datasheet HTML 7Page - RF Micro Devices RF2192 Datasheet HTML 8Page - RF Micro Devices RF2192 Datasheet HTML 9Page - RF Micro Devices RF2192 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
2-336
RF2192
Rev A8 060918
PCB Solder Mask Pattern
Liquid Photo-Imageable (LPI) solder mask is recommended. The solder mask footprint will match what is shown for the
PCB Metal Land Pattern with a 3mil expansion to accommodate solder mask registration clearance around all pads. The
center-grounding pad shall also have a solder mask clearance. Expansion of the pads to create solder mask clearance
can be provided in the master data or requested from the PCB fabrication supplier.
Thermal Pad and Via Design
The PCB metal land pattern has been designed with a thermal pad that matches the exposed die paddle size on the bot-
tom of the device.
Thermal vias are required in the PCB layout to effectively conduct heat away from the package. The via pattern has been
designed to address thermal, power dissipation and electrical requirements of the device as well as accommodating
routing strategies.
The via pattern used for the RFMD qualification is based on thru-hole vias with 0.203mm to 0.330mm finished hole size
on a 0.5mm to 1.2mm grid pattern with 0.025mm plating on via walls. If micro vias are used in a design, it is suggested
that the quantity of vias be increased by a 4:1 ratio to achieve similar results.
Pin 1
Dimensions in mm.
A = 0.71 x 1.09 (mm) Typ.
B = 1.09 x 0.71 (mm) Typ.
C = 1.73 (mm) Sq.
A
A
A
A
A
B
B
B
A
A
A
A
A
B
B
B
C
3.20 Typ.
0.81 Typ.
0.81 Typ.
1.73 Typ.
0.94 Typ.
1.73 Typ.
1.60 Typ.
0.81 Typ.
1.60 Typ.
Figure 2. PCB Solder Mask (Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com