Electronic Components Datasheet Search
  English  ▼

X  

RF2196 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2196
Description  3V PCS LINEAR POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2196 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2196_06 Datasheet HTML 1Page - RF Micro Devices RF2196_06 Datasheet HTML 2Page - RF Micro Devices RF2196_06 Datasheet HTML 3Page - RF Micro Devices RF2196_06 Datasheet HTML 4Page - RF Micro Devices RF2196_06 Datasheet HTML 5Page - RF Micro Devices RF2196_06 Datasheet HTML 6Page - RF Micro Devices RF2196_06 Datasheet HTML 7Page - RF Micro Devices RF2196_06 Datasheet HTML 8Page - RF Micro Devices RF2196_06 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-349
RF2196
Rev A2 060918
Application Schematic
US - CDMA
15
16
1
2
3
4
12
11
10
9
8
7
6
5
14
13
3.6 pF
15 pF
RF IN
4.7 pF
2.2 pF
15 pF
RF OUT
2.5 nH
2.2 pF
15 pF
10 nF
Pins 1 and 9 are internally grounded to the die flag.
TL
1
TL
2
15 pF
Jumper
VREG
1 k
Ω
VMODE
12 nH
15 pF
Jumper
15 pF
VCC
11 pF
Ferrite
10
Ω
Bypassing for
V
REG1 and VREG2
Bias return
Matching network for
optimum load impedance
Interstage tuning for centering
frequency response
RF Choke - Bias inductor
for the amplifier interstage
TL
3
Matching network for
optimum input return loss
4.7
μF
Bypassing for V
CC
1
μF
+
10 nF
1
μF
+
TL4
CDMA (US)
Transmission
Line Length
15 mils
TL
3
200 mils
TL
4
140 mils
TL
2
30 mils
TL
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com