Electronic Components Datasheet Search
  English  ▼

X  

RF2304 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2304
Description  GENERAL PURPOSE LOW-NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2304 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2304_06 Datasheet HTML 1Page - RF Micro Devices RF2304_06 Datasheet HTML 2Page - RF Micro Devices RF2304_06 Datasheet HTML 3Page - RF Micro Devices RF2304_06 Datasheet HTML 4Page - RF Micro Devices RF2304_06 Datasheet HTML 5Page - RF Micro Devices RF2304_06 Datasheet HTML 6Page - RF Micro Devices RF2304_06 Datasheet HTML 7Page - RF Micro Devices RF2304_06 Datasheet HTML 8Page - RF Micro Devices RF2304_06 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
4-203
RF2304
Rev A7 060908
Application Schematic
Pin
Function
Description
Interface Schematic
1GND
Ground connection. For best performance, keep traces physically short
and connect immediately to ground plane.
2GND
Same as pin 1.
3RF IN
DC coupled RF input. A broadband impedance match is produced by
internal shunt resistive feedback. The DC level is approximately
200mV. If a DC path exists in the connected circuitry, an external DC-
blocking capacitor is required to properly maintain the DC operating
point.
4GND
Same as pin 1.
5GND
Same as pin 1.
6RF OUT
RF output. A broadband impedance match is produced by internal
shunt resistive feedback. The DC connection to the power supply is
provided through an external chip inductor having greater than 150
Ω
reactance at the operating frequency. An external DC-blocking capaci-
tor is required if the following circuitry is not DC-blocked.
7VDD2
Bias control connection. This pin is normally connected to the power
supply, but can be used to switch the amplifier on and off by switching
between power supply voltage and ground. This pin sinks approxi-
mately 600
μA when connected to V
DD, and sources less than 10 μA
when grounded.
8NC
No connection.
RF IN
RF OUT
V
DD
2
1
4
3
7
8
5
6
100 pF
RF IN
L1
RF Choke
100 pF
1 nF
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com