Electronic Components Datasheet Search
  English  ▼

X  

RF2312 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF2312
Description  LINEAR GENERAL PURPOSE AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2312 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF2312 Datasheet HTML 8Page - RF Micro Devices RF2312 Datasheet HTML 9Page - RF Micro Devices RF2312 Datasheet HTML 10Page - RF Micro Devices RF2312 Datasheet HTML 11Page - RF Micro Devices RF2312 Datasheet HTML 12Page - RF Micro Devices RF2312 Datasheet HTML 13Page - RF Micro Devices RF2312 Datasheet HTML 14Page - RF Micro Devices RF2312 Datasheet HTML 15Page - RF Micro Devices RF2312 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
3-15
RF2312
Rev C6 051025
CH1
S 11
1 U FS
START
.300 000 MHz
STOP 3 000.000 000 MHz
C2
1
2
3
4
4_: 53.809
-24.182
3.464 pF
1 900.000 000 MHz
1_: 97.188
-1.5742
50 MHz
2_: 93.512
-13.215
450 MHz
3_: 84.16
-22.945
900 MHz
CH1
S 21
log MAG
10 dB/
REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
C2
1
2
3
4
4_: 14.454 dB
1 900.000 000 MHz
1_: 15.372 dB
50 MHz
2_: 15.307 dB
450 MHz
3_: 15.184 dB
900 MHz
CH1
S 22
1 U FS
START
.300 000 MHz
STOP 3 000.000 000 MHz
C2
1
2
3
4
4_: 19.802
-16.739
5.0042 pF
1 900.000 000 MHz
1_: 115.2
-6.6211
50 MHz
2_: 87.551
-42.652
450 MHz
3_: 52.43
-44.855
900 MHz
CH1
S 12
log MAG
10 dB/
REF 0 dB
START
.300 000 MHz
STOP 3 000.000 000 MHz
C2
1
2
3
4
4_:-17.966 dB
1 900.000 000 MHz
1_:-19.908 dB
50 MHz
2_:-19.87 dB
450 MHz
3_:-19.554 dB
900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com