Electronic Components Datasheet Search
  English  ▼

X  

RF2324 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2324
Description  PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2324 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2324 Datasheet HTML 1Page - RF Micro Devices RF2324 Datasheet HTML 2Page - RF Micro Devices RF2324 Datasheet HTML 3Page - RF Micro Devices RF2324 Datasheet HTML 4Page - RF Micro Devices RF2324 Datasheet HTML 5Page - RF Micro Devices RF2324 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-243
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
1
2
3
4
8
7
6
5
PD
NC
RF IN
GND1
GND2
RF OUT
GND2
GND2
RF2324
PCS CDMA/TDMA 3V
PA DRIVER AMPLIFIER
• TDMA/CDMA/FM PCS Tx Amplifier
• Low Noise Transmit Driver Amplifier
• 2.4GHz WLAN Systems
• ISM Band LNA/Driver
• General Purpose Amplification
• Commercial and Consumer Systems
The RF2324 is a low noise CDMA/TDMA PA driver ampli-
fier with a very high dynamic range designed for transmit
digital PCS applications at 1880MHz. The device func-
tions as an outstanding PA driver amplifier in the transmit
chain of digital subscriber units where low transmit noise
power is a concern. The IC includes a power down fea-
ture that can be used to completely turn off the device.
The IC is featured in a standard miniature 8-lead plastic
MSOP package.
• Low Noise and High Intercept Point
• Power Down Control
• Single 2.5V to 6.0V Power Supply
• 150MHz to 2500MHz Operation
• Extremely Small MSOP-8 Package
RF2324
PCS CDMA/TDMA 3V PA Driver Amplifier
RF2324PCBA-41X Fully Assembled Evaluation Board
0
Rev A8 060918
NOTES:
1. Shaded lead is pin 1.
0.192
± 0.008
0.118
± 0.004 sq
0.0256
0.012
6° MAX
0° MIN
0.021
± 0.004
0.006
± 0.002
0.034
0.006
± 0.003
-A-
Package Style: MSOP-8
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2324

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324PCBA RFMD-RF2324PCBA Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324PCBA-41X RFMD-RF2324PCBA-41X Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results

Similar Description - RF2324

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2157 RFMD-RF2157 Datasheet
192Kb / 10P
PCS CDMA/TDMA 3V POWER AMPLIFIER
RF2324 RFMD-RF2324 Datasheet
102Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362 Datasheet
83Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367 Datasheet
93Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_06 Datasheet
107Kb / 6P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2367 RFMD-RF2367_06 Datasheet
118Kb / 8P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2381 RFMD-RF2381_06 Datasheet
125Kb / 8P
PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
RF2367 RFMD-RF2367_1 Datasheet
252Kb / 10P
PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
RF2362 RFMD-RF2362_1 Datasheet
201Kb / 10P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
RF2324 RFMD-RF2324_1 Datasheet
96Kb / 4P
PCS CDMA/TDMA 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com