Electronic Components Datasheet Search
  English  ▼

X  

RF2364 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2364
Description  3V PCS LOW NOISE AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2364 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2364 Datasheet HTML 2Page - RF Micro Devices RF2364 Datasheet HTML 3Page - RF Micro Devices RF2364 Datasheet HTML 4Page - RF Micro Devices RF2364 Datasheet HTML 5Page - RF Micro Devices RF2364 Datasheet HTML 6Page - RF Micro Devices RF2364 Datasheet HTML 7Page - RF Micro Devices RF2364 Datasheet HTML 8Page - RF Micro Devices RF2364 Datasheet HTML 9Page - RF Micro Devices RF2364 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-365
RF2364
Rev A5 020827
IIP3 versus VPD
VCC=3.0V, Frequency=1960MHz
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.60
5.80
6.00
2.70
2.75
2.80
2.85
2.90
VPD (V)
IIP3, -30º
IIP3, 25º
IIP3, 85º
Noise Figure versus VPD
VCC=3.0V, Frequency=1960MHz
1.00
1.20
1.40
1.60
1.80
2.00
2.20
2.70
2.75
2.80
2.85
2.90
VPD (V)
NF, -30º
NF, 25º
NF, 85º
P1dB versus VPD
VCC=3.0V, Frequency=1960MHz
-9.40
-9.20
-9.00
-8.80
-8.60
-8.40
-8.20
-8.00
-7.80
-7.60
-7.40
2.70
2.75
2.80
2.85
2.90
VPD (V)
P1dB, -30º
P1dB, 25º
P1dB, 85º
IPD versus VPD
VCC=3.0V, Frequency=1960MHz
4.00
4.20
4.40
4.60
4.80
5.00
5.20
5.40
5.60
5.80
6.00
2.70
2.75
2.80
2.85
2.90
VPD (V)
Ipd, -30º
Ipd, 25º
Ipd, 85º
Gain versus Frequency
VCC=3.0V, VPD=2.8V
16.0
16.5
17.0
17.5
18.0
18.5
19.0
1930.0
1940.0
1950.0
1960.0
1970.0
1980.0
1990.0
Frequency (MHz)
Gain, -30º
Gain, 25º
Gain, 85º
Input Impedance versus Frequency
VCC=3.0V, VPD=2.8V
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1930.00
1940.00
1950.00
1960.00
1970.00
1980.00
1990.00
Frequency (MHz)
S11, -30º
S11, 25º
S11, 85º



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com