Electronic Components Datasheet Search
  English  ▼

X  

RF2367 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2367
Description  PCS CDMA/TDMA/GSM1800 3V PA DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2367 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2367 Datasheet HTML 1Page - RF Micro Devices RF2367 Datasheet HTML 2Page - RF Micro Devices RF2367 Datasheet HTML 3Page - RF Micro Devices RF2367 Datasheet HTML 4Page - RF Micro Devices RF2367 Datasheet HTML 5Page - RF Micro Devices RF2367 Datasheet HTML 6Page - RF Micro Devices RF2367 Datasheet HTML 7Page - RF Micro Devices RF2367 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-387
RF2367
Rev A3 060925
Pin
Function
Description
Interface Schematic
1GND
Ground connection. Keep traces physically short and connect immedi-
ately to ground plane for best performance.
2GND
Same as pin 1.
3RF IN
RF input pin. This pin is DC coupled and internally matched to a <2:1
VSWR at 1880MHz.
4PD
Power Down for the IC. VPD = 2.8V +/- 0.1V turns on the Part.
VPD<0.9V turns off the Part. Lower threshold for device operation is
approximately 1.2V. External RF bypassing is required. The trace
length between the pin and the bypass capacitors should be minimized.
The ground side of the bypass capacitors should connect immediately
to ground plane. Nominal current for this pin for VPD = 2.8V is 8mA typ-
ical.
See pin 3.
5GND
Same as pin 1.
6RF OUT
Amplifier Output pin. This pin is an open-collector output. It must be
biased to either VCC or pin 4 through a choke or matching inductor.
This pin is typically externally matched to 50
Ω with a shunt bias/match-
ing inductor and series blocking/matching capacitor. Refer to applica-
tion/evaluation board schematics.
RF IN
PD
TO OUTPUT
STAGE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com