Electronic Components Datasheet Search
  English  ▼

X  

RF2373 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2373
Description  3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2373 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2373 Datasheet HTML 1Page - RF Micro Devices RF2373 Datasheet HTML 2Page - RF Micro Devices RF2373 Datasheet HTML 3Page - RF Micro Devices RF2373 Datasheet HTML 4Page - RF Micro Devices RF2373 Datasheet HTML 5Page - RF Micro Devices RF2373 Datasheet HTML 6Page - RF Micro Devices RF2373 Datasheet HTML 7Page - RF Micro Devices RF2373 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
2
GND1
3
BIAS
4RF OUT
1
RF IN
GND2
5
RF2373
3V LOW NOISE AMPLIFIER/
3V DRIVER AMPLIFIER
• WLAN LNA/Driver
• GPS LNA
• CDMA PCS LNA
• Low Noise Transmit Power Amplifier
• General Purpose Amplification
• Driver Amplifier for TX Power Amplifier
The RF2373 is a low noise amplifier with a very high
dynamic range designed for WLAN and digital cellular
applications. The device functions as an outstanding front
end low noise amplifier or driver amplifier in the transmit
chain of digital subscriber units where low transmit noise
power is a concern. When used as an LNA, the bias cur-
rent can be set externally. When used as a PA driver, the
IC can operate directly from a single cell Li-ion battery
and includes a power down feature that can be used to
completely turn off the device. The IC is featured in a
standard SOT 5-lead plastic package.
• Low Noise and High Intercept Point
• Adjustable Bias Current
• Power Down Control
• Single 1.8V to 6.0V Power Supply
• 400MHz to 3GHz Operation
• Extremely Small SOT 5-Lead Package
RF2373
3V Low Noise Amplifier/ 3V Driver Amplifier
RF2373PCK-414 Fully Assembled Evaluation Board with 5 Sample
Parts
0
Rev A5 060907
1
1.60
+ 0.01
0.400
2.80
+ 0.20
2.90
+ 0.10
0.45
+ 0.10
3° MAX
0° MIN
0.127
0.15
0.05
1.44
1.04
Dimensions in mm.
0.950
Package Style: SOT 5-Lead
RoHS Compliant & Pb-Free Product


Similar Part No. - RF2373

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373PCK-414 RFMD-RF2373PCK-414 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373PCK-414 RFMD-RF2373PCK-414 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
More results

Similar Description - RF2373

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2347 RFMD-RF2347 Datasheet
237Kb / 8P
3V LOW NOISE AMPLIFIER/3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361 Datasheet
149Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2366 RFMD-RF2366 Datasheet
109Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2369 RFMD-RF2369 Datasheet
257Kb / 10P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2373 RFMD-RF2373 Datasheet
132Kb / 8P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2361 RFMD-RF2361_06 Datasheet
181Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2878 RFMD-RF2878 Datasheet
197Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2373 RFMD-RF2373_1 Datasheet
220Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V DRIVER AMPLIFIER
RF2369 RFMD-RF2369_1 Datasheet
408Kb / 12P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
RF2361 RFMD-RF2361_1 Datasheet
292Kb / 14P
3V LOW NOISE AMPLIFIER/ 3V PA DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com