Electronic Components Datasheet Search
  English  ▼

X  

SP508 Datasheet(PDF) 30 Page - Sipex Corporation

Part # SP508
Description  Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP508 Datasheet(HTML) 30 Page - Sipex Corporation

Back Button SP508_05 Datasheet HTML 22Page - Sipex Corporation SP508_05 Datasheet HTML 23Page - Sipex Corporation SP508_05 Datasheet HTML 24Page - Sipex Corporation SP508_05 Datasheet HTML 25Page - Sipex Corporation SP508_05 Datasheet HTML 26Page - Sipex Corporation SP508_05 Datasheet HTML 27Page - Sipex Corporation SP508_05 Datasheet HTML 28Page - Sipex Corporation SP508_05 Datasheet HTML 29Page - Sipex Corporation SP508_05 Datasheet HTML 30Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30
Date: 1/19/05
SP508 Enhanced WAN Multi–Protocol Serial Transceiver
© Copyright 2005 Sipex Corporation
ORDERING INFORMATION
Part Number
Top Mark
Temperature Range
Package Types
SP508CF ...................... SP508CFYYWW..........................0°C to +70°C .............................. 100 Lead LQFP
SP508EF ...................... SP508EFYYWW.......................-40°C to +85°C .............................. 100 Lead LQFP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
DATE
REVISION
DESCRIPTION
3/31/04
A
Implemented tracking revision.
5/6/04
B
Added Top Mark to ordering information.
6/3/04
C
Added Tables to page 28 and 29.
8/19/04
D
Corrected pin description table and figure 49. Updated DCE/DTE
tables.
1/19/05
E
Corrected reference to figure 46.
REVISION HISTORY
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP508EF = standard; SP508EF-L = lead free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com