Electronic Components Datasheet Search
  English  ▼

X  

RF2381 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2381
Description  PCS/CELLULAR TDMA/CDMA/W-CDMA LINEAR VARIABLE GAIN AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2381 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2381 Datasheet HTML 1Page - RF Micro Devices RF2381 Datasheet HTML 2Page - RF Micro Devices RF2381 Datasheet HTML 3Page - RF Micro Devices RF2381 Datasheet HTML 4Page - RF Micro Devices RF2381 Datasheet HTML 5Page - RF Micro Devices RF2381 Datasheet HTML 6Page - RF Micro Devices RF2381 Datasheet HTML 7Page - RF Micro Devices RF2381 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4-450
RF2381
Rev A2 060907
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
0 to +5.0
VDC
DC Current
100
mA
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
VCC=2.8V, VGC=2.0V, T=25°C
Usable Frequency Range
800 to 2100
MHz
Linear Gain Control Range
50
dB
Gain Control Slope
70
dB/V
Input VSWR
1.5:1
2.5:1
Over entire gain control range
Output VSWR
1.5:1
2.5:1
Over entire gain control range
Output IP3
+23
+26
dBm
Noise Figure
9
dB
Maximum gain
TDMA
VCC=2.8V, VGC=2.0V, T=25°C
Operating Frequency
1880
MHz
Maximum Small Signal Gain
18
20
22
dB
Maximum Average Output Power
+8
dBm
TDMA modulation; ACP<-32dBc
Maximum Average Input Power
-9
-8
dBm
TDMA modulation; for any VGC that gives
POUT<+8dBm, ACP<-32dBc, ALT<-52dBc
Adjacent Channel Power
-33
-32
dBc
TDMA modulation; POUT<+8dBm and
PIN<-11dBm, at all VGC.
-61
-52
dBc
TDMA modulation; POUT<+8dBm and
PIN<-11dBm, at all VGC.
CDMA
VCC=2.8V, VGC=2.0V, T=25°C
Operating Frequency
1880
MHz
Maximum Small Signal Gain
18
20
22
dB
Maximum Average Output Power
+6
dBm
CDMA modulation; VCC=3.0V, maximum
gain setting, ACP<-52dBc.
Maximum Average Input Power
-13
dBm
CDMA modulation; for any VGC that gives
POUT<+6dBm, ACP<-52dBc
Adjacent Channel Power
-53
dBc
CDMA modulation; VCC=3.0V.
POUT<+6dBm and PIN<-13dBm, at all VGC.
W-CDMA
VCC=2.8V, VGC=2.0V, T=25°C
Operating Frequency
1920 to 1980
MHz
Small Signal Gain
17.5
19.5
22
dB
Maximum Linear Output Power
+5
dBm
W-CDMA ACP<-46dBc
Adjacent Channel Power
-46
dBc
W-CDMA modulation; POUT<+5dBm and
PIN<-12dBm
-43
dBc
W-CDMA modulation; Over entire gain con-
trol range, PIN<-17dBm
-43
dBc
W-CDMA modulation; VGC=1.0V,
PIN<-14dBm
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. RoHS marking based on EUDirective2002/95/EC
(at time of this printing). However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com