Electronic Components Datasheet Search
  English  ▼

X  

B7841 Datasheet(PDF) 3 Page - EPCOS

Part # B7841
Description  SAW Components Low-Loss Filter 2441,75 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7841 Datasheet(HTML) 3 Page - EPCOS

  B7841 Datasheet HTML 1Page - EPCOS B7841 Datasheet HTML 2Page - EPCOS B7841 Datasheet HTML 3Page - EPCOS B7841 Datasheet HTML 4Page - EPCOS B7841 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Oct 21, 2004
SAW Components
B7841
2441,75 MHz
Low-Loss Filter
Data Sheet
Characteristics
Operating temperature range:
T
= -40 to + 85 ˚C
Terminating source impedance:
ZS = 50 Ω − 1,5 nH (serial)
Terminating load impedance:
ZL = 50 Ω − 2,5 nH (serial)
*)
T = +25 ˚C
min.
typ.
max.
Center frequency
fc
—
2441,75
—
MHz
Maximum insertion attenuation
α
max
2400,0
... 2483,5 MHz
—
2,2
3,3
dB
Return loss
2400,0
... 2483,5 MHz*)
9,0
11,5
—
dB
Amplitude ripple (p-p)
∆α
2400,0
... 2483,5 MHz
—
0,5
1,5
dB
Attenuation
α
100,0
...
960,0 MHz
40
44
—
dB
960,0
... 2150,0 MHz
32
38
—
dB
2150,0
... 2170,0 MHz
30
36
—
dB
2170,0
... 2250,0 MHz
20
35
—
dB
2250,0
... 2295,0 MHz
15
21
—
dB
2295,0
... 2300,0 MHz
12
20
—
dB
2550,0
... 2600,0 MHz
15
20
—
dB
2600,0
... 2650,0 MHz
18
23
—
dB
2650,0
... 2800,0 MHz
20
24
—
dB
2800,0
... 4000,0 MHz
25
30
—
dB
4000,0
... 6000,0 MHz
30
50
—
dB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com