Electronic Components Datasheet Search
  English  ▼

X  

SP207BCT/TR Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP207BCT/TR
Description  5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207BCT/TR Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP207BCT/TR Datasheet HTML 4Page - Sipex Corporation SP207BCT/TR Datasheet HTML 5Page - Sipex Corporation SP207BCT/TR Datasheet HTML 6Page - Sipex Corporation SP207BCT/TR Datasheet HTML 7Page - Sipex Corporation SP207BCT/TR Datasheet HTML 8Page - Sipex Corporation SP207BCT/TR Datasheet HTML 9Page - Sipex Corporation SP207BCT/TR Datasheet HTML 10Page - Sipex Corporation SP207BCT/TR Datasheet HTML 11Page - Sipex Corporation SP207BCT/TR Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Date:05/26/2005
+5V High-Speed RS232 Transceivers
© Copyright 2005 Sipex Corporation
8
Figure 5. Charge Pump — Phase 4
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
–
–
–
–
SHUTDOWN MODE
The SP200, SP206, SP206B, SP207B, SP211,
SP211B and SP213 all feature a control input
which will disable the device and reduce the
power supply current to less than 10
µA, making
the parts ideal for battery–powered systems. In
the “shutdown” mode the receivers and trans-
mitters will both be tri–stated. The V+ output of
the charge pump will discharge to V
CC, and the
V– output will discharge to ground. Products
with the WakeUp function can enable or disable
the receivers during shutdown.
For complete shutdown to occur and the 10
µA
power drain to be realized, the following condi-
tions must be met:
SP200, SP206/B, SP207B and SP211/B:
• +5V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• V
CC must be +5V
• Receiver inputs must be >0V and <+5V
SP213:
• 0V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• V
CC must be +5V
• Receiver inputs must be >0V and <+5V
WAKEUP FUNCTION
The SP206B, SP207B, SP211B and SP213 have
a wake–up feature that keeps two or more re-
ceivers in an enabled state when the device is in
the shutdown mode. The SP213 has two receiv-
ers active (R
4 and R5), while the SP207B and
SP211B have all receivers active during shut-
down. With only the receivers active during
shutdown, the devices draw 5–10
µA of supply
current.
ENABLE
The SP206/B, SP207/B, SP211 and SP213 all
feature an enable input, which allows the re-
ceiver outputs to be either tri–stated or enabled.
This can be especially useful when the receiver
is tied directly to a microprocessor data bus. For
the SP206/B, SP207/B and SP211, enable is
active low; that is, 0V applied to the ENABLE
pin will enable the receiver outputs. For the
SP213, enable is active high; that is, +5V ap-
plied to the ENABLE pin will enable the re-
ceiver outputs.
SP213 Only
Power
Receiver
SD
EN
SD
EN
Up/Down
Outputs
00
11
Up
Enable
01
10
Up
Tri–state
10
01
Down
Enable
11
00
Down
Tri–state
Table 2. Wake–Up Truth Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com