Electronic Components Datasheet Search
  English  ▼

X  

RF2411 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF2411
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF2411 Datasheet HTML 3Page - RF Micro Devices RF2411 Datasheet HTML 4Page - RF Micro Devices RF2411 Datasheet HTML 5Page - RF Micro Devices RF2411 Datasheet HTML 6Page - RF Micro Devices RF2411 Datasheet HTML 7Page - RF Micro Devices RF2411 Datasheet HTML 8Page - RF Micro Devices RF2411 Datasheet HTML 9Page - RF Micro Devices RF2411 Datasheet HTML 10Page - RF Micro Devices RF2411 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
8-13
RF2411
Rev A6 060907
Application Schematic
1800MHz, Balanced Resistive Output Matching
Application Schematic
1800MHz, Single-Ended Resistive Output Matching
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
RF AMP
MIXER
IF OUT1
LO IN
RF IN
22 pF
22 pF
22 pF
22 pF
2.7 nH
50
Ω
Image Filter
300 pF
0.1
μF
IF OUT2
470
Ω
L1
470
Ω
L2
V
DD
1
2
3
4
5
6
7
14
13
12
11
10
9
8
LNA
RF AMP
MIXER
LO IN
RF IN
22 pF
22 pF
22 pF
22 pF
2.7 nH
50
Ω
Image Filter
300 pF
100 nF
IF OUT
470
Ω
L1
V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com