Electronic Components Datasheet Search
  English  ▼

X  

SP690A Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP690A
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690A Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP690A Datasheet HTML 8Page - Sipex Corporation SP690A Datasheet HTML 9Page - Sipex Corporation SP690A Datasheet HTML 10Page - Sipex Corporation SP690A Datasheet HTML 11Page - Sipex Corporation SP690A Datasheet HTML 12Page - Sipex Corporation SP690A Datasheet HTML 13Page - Sipex Corporation SP690A Datasheet HTML 14Page - Sipex Corporation SP690A Datasheet HTML 15Page - Sipex Corporation SP690A Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Date: 11/29/04
SP690A/692A Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2004 Sipex Corporation
16
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP690ACN........................................................0°C to +70°C.....................................................8-Pin NSOIC
SP690ACN/TR...................................................0°C to +70°C.....................................................8-Pin NSOIC
SP690ACP........................................................0°C to +70°C.........................................................8-Pin PDIP
SP690AEN......................................................-40°C to +85°C.....................................................8-Pin NSOIC
SP690AEN/TR.................................................-40°C to +85°C.....................................................8-Pin NSOIC
SP690AEP.......................................................-40°C to +85°C.......................................................8-Pin PDIP
SP692ACN........................................................0°C to +70°C......................................................8-Pin NSOIC
SP692ACN/TR..................................................0°C to +70°C......................................................8-Pin NSOIC
SP692ACP........................................................0°C to +70°C.........................................................8-Pin PDIP
SP692AEN......................................................-40°C to +85°C.....................................................8-Pin NSOIC
SP692AEN/TR................................................-40°C to +85°C.....................................................8-Pin NSOIC
SP692AEP.......................................................-40°C to +85°C.......................................................8-Pin PDIP
SP802LCN........................................................0°C to +70°C......................................................8-Pin NSOIC
SP802LCN/TR..................................................0°C to +70°C......................................................8-Pin NSOIC
SP802LCP........................................................0°C to +70°C.........................................................8-Pin PDIP
SP802LEN.......................................................-40°C to +85°C....................................................8-Pin NSOIC
SP802LEN/TR.................................................-40°C to +85°C....................................................8-Pin NSOIC
SP802LEP.......................................................-40°C to +85°C.......................................................8-Pin PDIP
SP802MCN.......................................................0°C to +70°C......................................................8-Pin NSOIC
SP802MCN/TR.................................................0°C to +70°C......................................................8-Pin NSOIC
SP802MCP.......................................................0°C to +70°C.........................................................8-Pin PDIP
SP802MEN......................................................-40°C to +85°C....................................................8-Pin NSOIC
SP802MEN/TR................................................-40°C to +85°C....................................................8-Pin NSOIC
SP802MEP......................................................-40°C to +85°C.......................................................8-Pin PDIP
SP805LCN........................................................0°C to +70°C......................................................8-Pin NSOIC
SP805LCN/TR..................................................0°C to +70°C......................................................8-Pin NSOIC
SP805LCP........................................................0°C to +70°C.........................................................8-Pin PDIP
SP805LEN.......................................................-40°C to +85°C....................................................8-Pin NSOIC
SP805LEN/TR.................................................-40°C to +85°C....................................................8-Pin NSOIC
SP805LEP.......................................................-40°C to +85°C.......................................................8-Pin PDIP
SP805MCN.......................................................0°C to +70°C......................................................8-Pin NSOIC
SP805MCN/TR..................................................0°C to +70°C......................................................8-Pin NSOIC
SP805MCP.......................................................0°C to +70°C.........................................................8-Pin PDIP
SP805MEN......................................................-40°C to +85°C....................................................8-Pin NSOIC
SP805MEN/TR................................................-40°C to +85°C....................................................8-Pin NSOIC
SP805MEP......................................................-40°C to +85°C.......................................................8-Pin PDIP
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
/TR = Tape and Reel
Pack quantity 2,500 for NSOIC.
Available in lead free packaging. To order add “-L” suffix to part number.
Example: SP802LCN/TR = standard; SP802LCN-L/TR = lead free
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com