Electronic Components Datasheet Search
  English  ▼

X  

RF2411PCBA-H Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2411PCBA-H
Description  LOW NOISE AMPLIFIER/MIXER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2411PCBA-H Datasheet(HTML) 3 Page - RF Micro Devices

  RF2411PCBA-H Datasheet HTML 1Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 2Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 3Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 4Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 5Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 6Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 7Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 8Page - RF Micro Devices RF2411PCBA-H Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8-9
RF2411
Rev A6 060907
Parameter (1800MHz)
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25°C, VCC=5V, RF=1800MHz,
LO=0dBm, IF=50MHz, Application Sche-
matic 2 configuration
RF Frequency Range
500 to 1900
MHz
IF Frequency Range
DC to 100
MHz
Cascade Gain
22
dB
IF=10MHz
21
IF=50MHz
17
IF=150MHz
Cascade IP3
-7
dBm
Referenced to the input
Cascade Noise Figure
4.0
dB
Single sideband, IF=10MHz
4.0
Single sideband, IF=50MHz
4.8
Single sideband, IF=150MHz
First Section (LNA)
Noise Figure
2.6
dB
Input VSWR
1.2:1
Input IP3
-3.5
dBm
Gain
10
dB
Reverse Isolation
25
dB
Output VSWR
1.5:1
Second Section (RF Amp,
Mixer, IF1)
Noise Figure
10.0
dB
Single Sideband
Input VSWR
2.0:1
Input IP3
+3
dBm
Conversion Gain
11
dB
Output Impedance
4
k
Ω
Open Collector
LO Input
LO Level
-6 to +6
dBm
LO to RF Rejection
30
dB
LO to IF Rejection
30
dB
LO Input VSWR
1.2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com