Electronic Components Datasheet Search
  English  ▼

X  

SPD6557 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD6557
Description  6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6557 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD6557 Datasheet HTML 1Page - Solid States Devices, Inc SPD6557 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Standard Recovery: 5 µsec maximum
• PIV up to 1500 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• Single Chip Construction
• High Voltage Replacement for 1N5553 &1N5554
• Low Thermal Resistance
• Available with 0.040” diameter leads
• TX, TXV, and Space Level Screening Available
• Fast Recovery Versions Available.
Contact Factory.
• For higher voltages-See SSDI p/n SDR6W
SPD6557 Series
6 AMPS
1300 VOLTS
5
µsec
STANDARD RECOVERY
RECTIFIER
Axial
Surface Mount
Square Tab (SMS)
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD6557
SPD6556
SPD6555
SPD6554
VRRM
VRWM
VR
1300
1200
1000
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
6
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
oC)
IFSM
150
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.125” (Axial Lead)
Junction to End Tab (Surface Mount
RθJL
RθJE
8
4
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0086D
DOC


Similar Part No. - SPD6557

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6557 SSDI-SPD6557 Datasheet
125Kb / 2P
6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD6557S SSDI-SPD6557S Datasheet
125Kb / 2P
6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
SPD6557SMS SSDI-SPD6557SMS Datasheet
125Kb / 2P
6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
SPD6557SMSS SSDI-SPD6557SMSS Datasheet
125Kb / 2P
6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
More results

Similar Description - SPD6557

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SRM5 SSDI-SRM5 Datasheet
25Kb / 2P
20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR9600S10 SSDI-SDR9600S10 Datasheet
201Kb / 2P
600 AMPS 1000 - 2000 VOLTS 25 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR8200S4 SSDI-SDR8200S4 Datasheet
199Kb / 2P
200 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR8300S4 SSDI-SDR8300S4 Datasheet
200Kb / 2P
300 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com