Electronic Components Datasheet Search
  English  ▼

X  

SP691AET/TR Datasheet(PDF) 21 Page - Sipex Corporation

Part # SP691AET/TR
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP691AET/TR Datasheet(HTML) 21 Page - Sipex Corporation

Back Button SP691AET/TR Datasheet HTML 16Page - Sipex Corporation SP691AET/TR Datasheet HTML 17Page - Sipex Corporation SP691AET/TR Datasheet HTML 18Page - Sipex Corporation SP691AET/TR Datasheet HTML 19Page - Sipex Corporation SP691AET/TR Datasheet HTML 20Page - Sipex Corporation SP691AET/TR Datasheet HTML 21Page - Sipex Corporation SP691AET/TR Datasheet HTML 22Page - Sipex Corporation SP691AET/TR Datasheet HTML 23Page - Sipex Corporation SP691AET/TR Datasheet HTML 24Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Date: 4/18/05
SP691A/693A/800L/800M Low Power Microprocessor Supervisor with Battery Switch-Over © Copyright 2005 Sipex Corporation
PACKAGE: 16 PIN WSOIC
A
A2
A1
SIDE VIEW
Seating Plane
SYMBOL
MIN
NOM
MAX
A
2.35
-
2.65
A1
0.1
-
0.3
A2
2.05
-
2.55
b
0.31
-
0.51
c
0.2
-
0.33
D
E
E1
e
L
0.4
-
1.27
L1
L2
ø
0º
-
8º
ø1
5º
-
15º
Note: Dimensions in (mm)
1.27 BSC
1.04 REF
0.25 BSC
16 Pin SOIC JEDEC MS-013 (AA) Variation
10.30 BSC
10.30 DSC
7.50 BSC
L1
L
Ø
Ø1
Ø1
Seating Plane
Gauge Plane
L2
VIEW C
TOP VIEW
e
E
E/2
E1
b
INDEX AREA
(D/2 X E1/2)
E1/2
D
1
2
3
B
B
SEE VIEW C
c
WITH PLATING
BASE METAL
b
SECTION B-B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com