Electronic Components Datasheet Search
  English  ▼

X  

SP3203E Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP3203E
Description  3V RS-232 Serial Transceiver with Logic Selector and15kV ESD Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203E Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP3203E Datasheet HTML 8Page - Sipex Corporation SP3203E Datasheet HTML 9Page - Sipex Corporation SP3203E Datasheet HTML 10Page - Sipex Corporation SP3203E Datasheet HTML 11Page - Sipex Corporation SP3203E Datasheet HTML 12Page - Sipex Corporation SP3203E Datasheet HTML 13Page - Sipex Corporation SP3203E Datasheet HTML 14Page - Sipex Corporation SP3203E Datasheet HTML 15Page - Sipex Corporation SP3203E Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Date: 03/30/05
SP3203E, 3V RS232 Serial Transceiver with Logic Selector and 15kV ESD
© Copyright 2005 Sipex Corporation
16
Model
Temperature Range
Package Types
SP3203ECY
0°C to +70°C
20-pin TSSOP
SP3203ECY/TR
0°C to +70°C
20-pin TSSOP
SP3203EEY
-40°C to +85°C
20-pin TSSOP
SP3203EEY/TR
-40°C to +85°C
20-pin TSSOP
ORDERING INFORMATION
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Corporation
ANALOG EXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SP3203EEY/TR = standard; SP3203EEY-L/TR = lead free
TR = Tape and Reel
Pack quantity is 1500 for TSSOP.
CLICK HERE TO ORDER SAMPLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com