Electronic Components Datasheet Search
  English  ▼

X  

RF2480 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2480
Description  DIRECT QUADRATURE MODULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2480 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2480 Datasheet HTML 1Page - RF Micro Devices RF2480 Datasheet HTML 2Page - RF Micro Devices RF2480 Datasheet HTML 3Page - RF Micro Devices RF2480 Datasheet HTML 4Page - RF Micro Devices RF2480 Datasheet HTML 5Page - RF Micro Devices RF2480 Datasheet HTML 6Page - RF Micro Devices RF2480 Datasheet HTML 7Page - RF Micro Devices RF2480 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5-25
RF2480
Rev A4 060329
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
RF Output (~900MHz)
LO=880MHz, -5dBm; SSB
Maximum Output Power
0
+4
dBm
I&Q Amplitude=2VPP
High-Linearity Output Power
-11
dBm
I&Q Amplitude=0.325VPP
Carrier Suppression
50
dB
T=25°C; POUT=-11dBm (meets CDMA base
station requirements); optimized I,Q DC off-
sets
35
dB
Over Temperature (Temperature cycled from
-40°C to +85°C after optimization at
T=25°C; POUT=-11dBm)
Sideband Suppression
50
dB
T=25°C; POUT=-11dBm; optimized I,Q DC
offsets
35
dB
Over Temperature (Temperature cycled from
-40°C to +85°C after optimization at
T=25°C; POUT=-11dBm)
Output Impedance
13-j:25
Ω
Broadband Noise Floor
-153.0
dBm/Hz
At 20MHz offset, VCC=5V; Tied to VREF:
ISIG, QSIG, IREF, and QREF.
RF Output (~2000MHz)
LO=2000MHz, -5dBm; SSB
Maximum Output Power
-7
-3
dBm
I&Q Amplitude=2VPP
High-Linearity Output Power
-17
dBm
I&Q Amplitude=0.325VPP
Carrier Suppression
50
dB
T=25°C; POUT=-17dBm; optimized I,Q DC
offsets
35
dB
Temperature cycled from -40°C to +85°C
after optimization at T=25°C; POUT=-17dBm
Sideband Suppression
50
dB
T=25°C; POUT=-17dBm; optimized I,Q DC
offsets
40
dB
Temperature cycled from -40°C to +85°C
after optimization at T=25°C; POUT=-17dBm
Output Impedance
58-j11
Ω
Broadband Noise Floor
-158.0
dBm/Hz
At 20MHz offset, VCC=5V; Tied to VREF:
ISIG, QSIG, IREF, and QREF.
Power Down
Turn On/Off Time
100
ns
PD Input Resistance
50
k
Ω
Power Control “ON”
2.8
V
Threshold voltage
Power Control “OFF”
1.0
1.2
V
Threshold voltage
Power Supply
Voltage
5
V
Specifications
4.5
6.0
V
Operating Limits
Current
50
mA
Operating
25
μAPower Down



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com