Electronic Components Datasheet Search
  English  ▼

X  

RF2489 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF2489
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2489 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RF2489 Datasheet HTML 5Page - RF Micro Devices RF2489 Datasheet HTML 6Page - RF Micro Devices RF2489 Datasheet HTML 7Page - RF Micro Devices RF2489 Datasheet HTML 8Page - RF Micro Devices RF2489 Datasheet HTML 9Page - RF Micro Devices RF2489 Datasheet HTML 10Page - RF Micro Devices RF2489 Datasheet HTML 11Page - RF Micro Devices RF2489 Datasheet HTML 12Page - RF Micro Devices RF2489 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9 of 30
RF2489
Rev A21 DS070308
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Control Logic (Single VCO)
Control Logic (Dual VCO)
Application Note 1
The PCS TX LO output pin (pin 7) and the CELL TX LO output pin (pin 8) can be combined. When BAND SEL is set low, the PCS
band LO limiter and PCS TX LO buffer are off. Also, when BAND SEL is set high, the cellular band LO limiter and frequency
divider are off as well as the cellular TX LO buffer. The LO leakage through the path of the disabled LO limiter/divider and TX LO
buffer is insignificant.
Typical LO isolation test data follows:
LO Input Frequency=2128MHz, PIN=-4dBm, BAND SEL=0, /2 SELECT=1
POUTPIN8=-28dBm at 2128MHz
POUTPIN8=-11dBm at 1064MHz
POUTPIN7=-34dBm at 2128MHz
Mode
BAND SEL
IF SEL
ENABLE
TX BUFF
ENABLE
/2 SELECT
Cellular FM
0
1
1
X
1
Cellular CDMA
0
0
1
X
1
PCS CDMA
1
0
1
X
X
Power Down
1
1
1
X
X
Power Down 2
X
X
0
X
X
TX Buffer Enabled
X
X
1
1
X
/2 Enabled
0
X
1
X
1
Mode
BAND SEL
IF SEL
ENABLE
TX BUFF
ENABLE
/2 SELECT
Cellular FM
0
1
1
X
0
Cellular CDMA
0
0
1
X
0
PCS CDMA
1
0
1
X
X
Power Down
1
1
1
X
X
Power Down 2
X
X
0
X
X
TX Buffer Enabled
X
X
1
1
X
/2 Enabled
0
X
1
X
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com