Electronic Components Datasheet Search
  English  ▼

X  

RF2516 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMIITER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices RF2516 Datasheet HTML 15Page - RF Micro Devices RF2516 Datasheet HTML 16Page - RF Micro Devices RF2516 Datasheet HTML 17Page - RF Micro Devices RF2516 Datasheet HTML 18Page - RF Micro Devices RF2516 Datasheet HTML 19Page - RF Micro Devices RF2516 Datasheet HTML 20Page - RF Micro Devices RF2516 Datasheet HTML 21Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
11-17
RF2516
Rev A17 060712
Evaluation Board Schematic
315MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C8
68 pF
Y1
9.83 MHz
C7
33pF
*Not populated on standard Evaluation Board.
OSC B
OSC E
GND
TX OUT
GND1
VCC1
MOD IN
DIV CTRL
LD FLT
LOOP FLT
RESNTR+
RESNTR-
VREFP
GND2
VCC2
50
Ω μstrip
C6
4 pF
50
Ω μstrip
L3
56 nH
R4
16 k
Ω
J1
TX OUT
C5
220 pF
TX VCC
C4
100 pF
MOD IN
S1
CAS-120B
R2
10
Ω
L2
82 nH
L1
82 nH
R1
2 k
Ω
C1
1
μF
R3
4.3 k
Ω
C2
2.2 nF
C3
1 nF
VCC
VCC
VCC
GND
P1-1
VCC1
P1-3
MOD IN
P1
1
2
3
CON3
B1
LITH BATT
VCC
+
-
2516400, rev A
PD
R5
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com