Electronic Components Datasheet Search
  English  ▼

X  

RF2642 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RF2642
Description  3V 900MHz UPCONVERTER/ DRIVER AMPLIFIER WITH BYPASS MODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2642 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RF2642 Datasheet HTML 2Page - RF Micro Devices RF2642 Datasheet HTML 3Page - RF Micro Devices RF2642 Datasheet HTML 4Page - RF Micro Devices RF2642 Datasheet HTML 5Page - RF Micro Devices RF2642 Datasheet HTML 6Page - RF Micro Devices RF2642 Datasheet HTML 7Page - RF Micro Devices RF2642 Datasheet HTML 8Page - RF Micro Devices RF2642 Datasheet HTML 9Page - RF Micro Devices RF2642 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6-54
RF2642
Rev A8 060925
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
8
7
6
1
16
15
14
13
9
5
10
11
12
2
3
4
Logic
Control
C9
10 nF
Gain Select
C10
10 nF
VCC
C11
1 nF
50
Ω μstrip
J5
LO IN
C12
1 nF
T1
TRANS6
C7
1 nF
C8
1 nF
50
Ω μstrip
J4
IF IN
C1
1 nF
L4
3.9 nH
R8*
DNI
50
Ω μstrip
J1
PA OUT
L1
8.2 nH
R1*
DNI
C2
10 nF
VPA2
L2
8.2 nH
R2*
DNI
C3
10 nF
VPA1
PD
C5
10 nF
C4
1 nF
R3*
DNI
50
Ω μstrip
J2
PA IN
R4
820
Ω
R5
5.1
Ω
R6
820
Ω
FL1
FLT BP
C6
1 nF
R7*
DNI
50
Ω μstrip
J3
MIX OUT
2642400B
NOTE:
1. R1, R2 and R8 are optional.
2. R4, R5 and R6 form T-attenuator with a loss of 1 dB.
For 0 dB loss, R4 and R6 are removed, and R5 is a 0
Ω short.
3. R3 and R7 are normally open.
4. FLT BP recommended is a Murata filter: SAFC836.5MC90T-TC12.
5. The microstrip on pin 4 is bridged to ground via 0
Ω 0402 size resistor.
The recommended setting is at maximum of PCB.
6. The microstrip on pin 3 is bridged to ground via 0
Ω resistor. The
recommended setting is at a distance of 35 mils from edge of device.
7. *DNI: Do Not Install
P1
1
2
3
CON3
P1-3
PD
GND
P2
1
2
3
CON3
P2-3
VCC
GND
P2-1
Gain Select
P3
1
2
3
CON3
P3-1
VPA1
GND
P3-3
VPA2
See Note 2
μstrip
μstrip
R9
0
Ω
R10
0
Ω
See Note 6
See Note 5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com