Electronic Components Datasheet Search
  English  ▼

X  

RF2705G Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2705G
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705G Datasheet(HTML) 3 Page - RF Micro Devices

  RF2705G Datasheet HTML 1Page - RF Micro Devices RF2705G Datasheet HTML 2Page - RF Micro Devices RF2705G Datasheet HTML 3Page - RF Micro Devices RF2705G Datasheet HTML 4Page - RF Micro Devices RF2705G Datasheet HTML 5Page - RF Micro Devices RF2705G Datasheet HTML 6Page - RF Micro Devices RF2705G Datasheet HTML 7Page - RF Micro Devices RF2705G Datasheet HTML 8Page - RF Micro Devices RF2705G Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
5-115
RF2705G
Rev A0 060206
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Output Performance with Modulated Baseband Inputs
High Band EDGE 8PSK Mode (DCS1800/PCS1900)
Mode=High Band FLOx1 (see Control Logic Truth Table for Mode Control Settings)
Output Power
VCC=2.7V, T=+25°C
Maximum Output Power with
8PSK Modulated Signal*
Maximum VGC
-1
+1.5
dBm
While meeting spectral mask
Minimum VGC
-40
-38
dBm
While meeting spectral mask
Gain Range
42
dB
Difference between output power at
GC=2.0V and GC=0.2V.
Out-of-Band Emission
Spectrum Emission Mask*
Frequency Spacing
200kHz
-36
TBD
dBc
30kHz BW
250kHz
-43
TBD
dBc
30kHz BW
400kHz
-67
TBD
dBc
30kHz BW
600kHz to 1800kHz
-73
dBc
30kHz BW
1800kHz to 3000kHz
-73
dBc
100kHz BW
3000kHz to 6000kHz
-73
dBc
100kHz BW
>6000kHz
-75
dBc
100kHz BW
Error Vector Magnitude
8PSK Modulation
RMS*
1.3
3
%
Origin Offset*
-37
-30
dB
Peak*
3
11
%
Output Noise
At FC±20MHz*
Relative Noise at:
Maximum Gain
-154
dBc/Hz
GC=2.0V, IQ=1.2VP-P 8PSK
-150
dBc/Hz
GC=2.0V to 1.4V
Absolute Noise at:
Maximum Gain
-153
dBm
GC=2.0V, IQ=0VP-P
All Gain Settings
-151
dBm
IQ=1.2VP-P 8PSK
General Conditions
Local Oscillator
LO HB Input Frequency
1710
1910
MHz
RF HB Output Frequency
1710
1910
MHz
Input Power
-6.0
0.0
+3.0
dBm
IQ Baseband Inputs
8PSK
IQ Level
1.2
VP-P
Input IQ signal driven differentially and in
quadrature.
IQ Common Mode
1.2
V
Input Bandwidth
0.7
1.0
MHz
Baseband Filter Attenuation
20
dB
At 20MHz offset
* Not tested in Production



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com