Electronic Components Datasheet Search
  English  ▼

X  

RF2850 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2850
Description  DIRECT QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2850 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2850 Datasheet HTML 1Page - RF Micro Devices RF2850 Datasheet HTML 2Page - RF Micro Devices RF2850 Datasheet HTML 3Page - RF Micro Devices RF2850 Datasheet HTML 4Page - RF Micro Devices RF2850 Datasheet HTML 5Page - RF Micro Devices RF2850 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-55
RF2850
Rev A0 050616
Evaluation Board Schematic
1700MHz to 2500MHz (Differential Drive)
VIN
VCC
VCC2
VCC1
C9
100 pF
C10
100 pF
C14
0.5 pF
-45°
+45°
5
13
12
11
10
14
7
8
6
9
15
16
1
2
3
4
Σ
J2
QREF
50
Ω μstrip
J4
QSIG
50
Ω μstrip
J3
IREF
50
Ω μstrip
J5
ISIG
50
Ω μstrip
L1
1 nH
L2
1 nH
50
Ω μstrip
J1
LO
C12
3.9 pF
C13
3.9 pF
X1
2.1 GHz
X2
2.1 GHz
50
Ω μstrip
J6
RF OUT
VCC1
L3
100 nH
VCC2
L4
100 nH
C3
100 pF
P1
C1
2.2 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com