Electronic Components Datasheet Search
  English  ▼

X  

RF2860 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2860
Description  PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2860 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2860 Datasheet HTML 1Page - RF Micro Devices RF2860 Datasheet HTML 2Page - RF Micro Devices RF2860 Datasheet HTML 3Page - RF Micro Devices RF2860 Datasheet HTML 4Page - RF Micro Devices RF2860 Datasheet HTML 5Page - RF Micro Devices RF2860 Datasheet HTML 6Page - RF Micro Devices RF2860 Datasheet HTML 7Page - RF Micro Devices RF2860 Datasheet HTML 8Page - RF Micro Devices RF2860 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
8-385
RF2860
Rev A9 050902
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
US PCS Band,
Korean PCS Band,
GPS Band, IMT-2000 Band,
cont’d
Mixer - KPCS/US PCS
See note.
Gain
12.0
14.0
15.5
dB
Noise Figure
7.0
8.0
dB
Input IP3
+1.0
+3.0
dBm
Current
17.5
mA
LO to RF Isolation
36
dB
Mixer - GPS
Gain
16.5
18.5
20.0
dB
Noise Figure
7.5
dB
Input IP3
-2.0
dBm
Current
16.0
mA
LO to RF Isolation
36
dB
Mixer - IMT-2000
Gain
11.5
13.5
15.0
dB
Noise Figure
8.5
dB
Input IP3
0.0
dBm
Current
16.0
mA
LO to RF Isolation
36
dB
Other
LO-IF Isolation
36
dB
RF-IF Isolation
40
dB
LNA Out to Mixer In Isolation
30
40
dB
LO-LNA In Isolation, Any State
35
dB
Control Lines
Input Capacitance
1
pF
LNA GAIN, ENABLE, TX BUFF ENAB
Local Oscillator Input
KPCS, US PCS, GPS, IMT-2000
Input Power
-10
-4
0
dBm
Input Frequency
1391
2360
MHz
IF=183.6MHz/210.38MHz/220.38MHz
TX (Local Oscillator)
Buffer
PCS
Output Power
-11
-7
dBm
Single-ended 50
Ω load
Output Frequency
1600
2300
MHz
Current Consumption
2
mA
NOTE: Mixer performance can be changed with external IF load/tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com