Electronic Components Datasheet Search
  English  ▼

X  

SP6203 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6203
Description  Low Noise, 300mA and 500mA CMOS LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6203 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6203 Datasheet HTML 6Page - Sipex Corporation SP6203 Datasheet HTML 7Page - Sipex Corporation SP6203 Datasheet HTML 8Page - Sipex Corporation SP6203 Datasheet HTML 9Page - Sipex Corporation SP6203 Datasheet HTML 10Page - Sipex Corporation SP6203 Datasheet HTML 11Page - Sipex Corporation SP6203 Datasheet HTML 12Page - Sipex Corporation SP6203 Datasheet HTML 13Page - Sipex Corporation SP6203 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
0
Date: Apr2-07
SP6203/SP6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© 2007 Sipex Corporation
0
Date: 2//05
SP6203/6205 Low Noise, 300 and 500mA CMOS LDO Regulators
© Copyright 2005 Sipex Corporation
THEORY OF OPERATiON: Continued
Turn On Time
The turn on response is split up in two separate
response categories: the wake up time (TWU)
and the settlling time (TS). The wake up time is
defined as the time it takes for the output to rise
to 2% of its total value after being released from
shutdown (EN > 0.4V). The settling time is
definedastheconditionwheretheoutputreaches
98% of its total value after being released from
shutdown. The latter is also called the turn on
time and is dependent on the output capacitor, a
little bit on load and, if present, on a bypass
capacitor.
TJ(max) is the maximum junction temperature of
the die and is 125°C. TA is the ambient tempera-
ture. JA is the junction-to-ambient thermal re-
sistance for the regulator and is layout depen-
dent. The SOT-23-5 package has a JA of
approximately 256°C/W for minimum PCB
copper footprint area.
This results in a maximum power dissipation of:
PD(max) = [(125°C - 25°C)/(191°C/W)] = 523mW
The actual power dissipation of the regulator
circuit can be determined using one simple
equation:
PD = (VIN - VOUT) * IOUT + VIN * IGND
To prevent the device from entering thermal
shutdown. maximum power dissipation can not
be exceeded.
Substituting PD(max) for PD and solving for the
operating conditions that are critical to the ap-
plication will give the maximum operating con-
ditions for the regulator circuit. For example, if
we are operating the SP6203 3.0V at room
temperature, with a minimum footprint layout
and and output current of 300mA, the maximum
input voltage can be determined, based on the
equation below. Ground pin current can be taken
from the electrical specifications table (0.23mA
at 300mA).
390mW = (VIN-3.0V) * 300mA + VIN *0.23mA
After calculations, we find that the maximum
input voltage of a 3.0V application at 300mA of
output current in a SOT-23-5 package is 4.7V.
So if the intend is to operate a 5V output version
from a 6V supply at 300mA load and at a 25°C
ambient temperature, then the actual total power
dissipation will be:
PD=([6V-5V]*[300mA])+(6V*0.23mA)=301.4mW
This is well below the 523mW package maxi-
mum. Therefore, the regulator can be used.
Turn Off Time
The turn off time is defined as the condition
where the output voltage drops about 66% ( ) of
its total value. 5 to 7 is the constant where the
output voltage drops nearly to zero. There will
always be a small voltage drop in shutdown
because of the switch unless we short-circuit it.
The turn off time of the output voltage is depen-
dent on load conditions, output capacitance on
VOUT (time constant = RLCL) and also on the
difference in voltage between input and output.
Thermal Considerations
The SP6203/6205 is designed to provide 300/
500 mA of continuous current in a tiny package.
Maximum power dissipation can be calculated
based on the output current and the voltage drop
across the part. To determine the maximum
power dissipation of the package, use the junc-
tion-to-ambient thermal resistance of the device
and the following basic equation:
PD = (TJ(max) - TA) / JA
2%
t(s) = T(on)
%
t(wu)
VOUT
VENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com